Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM123210NFSBB-01 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GM123210NFSBB-01
Description  LCD MODULE SPECIFICATION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GM123210NFSBB-01 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GM123210NFSBB-01 Datasheet HTML 4Page - List of Unclassifed Manufacturers GM123210NFSBB-01 Datasheet HTML 5Page - List of Unclassifed Manufacturers GM123210NFSBB-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers GM123210NFSBB-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers GM123210NFSBB-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers GM123210NFSBB-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers GM123210NFSBB-01 Datasheet HTML 10Page - List of Unclassifed Manufacturers GM123210NFSBB-01 Datasheet HTML 11Page - List of Unclassifed Manufacturers GM123210NFSBB-01 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Confidential Document
Page:
8 /20
7. TIMING CHARACTERISTICS
AC Characteristics
MPU Bus Read/Write (68 – family MPU)
tCYC6
E
tEW
tAW6
tDS6
R/W
tAH6
A0,CS
tDH6
D0 to D7
(WRITE)
tACC6
tOH6
D0 to D7
(READ)
Ta = -20 to 75° C, VSS = -5.0V ± 10% unless stated otherwise
Rating
Parameter
Symbol
Condition
min
max
Unit
Signal
System cycle time
tCYC6
1000
--
ns
Address setup time
tAW6
20
--
ns
Address hold time
tAH6
10
--
ns
A0,CS,
R/W
Data setup time
tDS6
80
--
ns
Data hold time
tDH6
10
--
ns
Output disable time
tOH6
10
60
ns
Access time
tACC6
CL = 100 PF
--
90
ns
Read
100
ns
D0 to D7
Enable
Pulse width
Write
tEW
8
ns
E
Rise and fall time
tr, tf
15
ns
(VSS=-2.7 to -4.5V Ta = -20 to 75 ° C
Rating
Parameter
Symbol
Condition
min
max
Unit
Signal
System cycle time
tCYC6
2000
--
ns
Address setup time
tAW6
40
--
ns
Address hold time
tAH6
20
--
ns
A0,CS,
R/W
Data setup time
tDS6
160
--
ns
Data hold time
tDH6
20
--
ns
Output disable time
tOH6
20
120
ns
Access time
tACC6
CL = 100 PF
--
180
ns
D0 to D7
Read
200
--
ns
Enable
Pulse width
Write
tEW
160
--
ns
E
Rise and fall time
tr, tf
15
ns
Notes :
1. tCYC6 is the cycle time of CS. E = H, not the cycle time of E.


Similar Part No. - GM123210NFSBB-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM123210NFSBB-01 ETC-GM123210NFSBB-01 Datasheet
215Kb / 19P
   LCD MODULE SPECIFICATION
More results

Similar Description - GM123210NFSBB-01

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
DMC20261NYJ-LY-BCE OPTREX-DMC20261NYJ-LY-BCE Datasheet
179Kb / 16P
   LCD Module Specification
DMC20481NY-LY-AGE OPTREX-DMC20481NY-LY-AGE Datasheet
180Kb / 16P
   LCD Module Specification
DM16207H OPTREX-DM16207H Datasheet
164Kb / 15P
   LCD Module Specification
logo
OPTEK Technologies
DMC20261NY-LY-AXE OPTEK-DMC20261NY-LY-AXE Datasheet
178Kb / 16P
   LCD Module Specification
DMC50448 OPTEK-DMC50448 Datasheet
169Kb / 15P
   LCD Module Specification
logo
OPTREX CORPORATION
DMC16205 OPTREX-DMC16205 Datasheet
165Kb / 15P
   LCD Module Specification
logo
List of Unclassifed Man...
AT043TN13 ETC2-AT043TN13 Datasheet
408Kb / 25P
   LCD MODULE SPECIFICATION
ST50AN01 ETC1-ST50AN01 Datasheet
148Kb / 8P
   LCD MODULE SPECIFICATION
GM126414FRNNB-01 ETC-GM126414FRNNB-01 Datasheet
837Kb / 23P
   LCD MODULE SPECIFICATION
logo
OPTREX CORPORATION
F-51167NCU-FW-AB OPTREX-F-51167NCU-FW-AB Datasheet
281Kb / 17P
   LCD Module Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com