Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1117 Datasheet(PDF) 1 Page - NEC

Part # 2SB1117
Description  Suitable for driver of solenoid or motor, or electronic flash
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SB1117 Datasheet(HTML) 1 Page - NEC

  2SB1117 Datasheet HTML 1Page - NEC 2SB1117 Datasheet HTML 2Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 2SB1117

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SB1110 HITACHI-2SB1110 Datasheet
389Kb / 2P
   SILICON PNP EPITAXIAL (LOW FREQUENCY HIGH VOLTAGE AMPLIFIER)
logo
Inchange Semiconductor ...
2SB1113 ISC-2SB1113 Datasheet
256Kb / 2P
   isc Silicon PNP Darlingtion Power Transistor
logo
NEC
2SB1114 NEC-2SB1114 Datasheet
209Kb / 4P
   PNP SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
logo
Guangdong Kexin Industr...
2SB1114 KEXIN-2SB1114 Datasheet
51Kb / 1P
   PNP Silicon Epitaxial Transistor
logo
Renesas Technology Corp
2SB1114 RENESAS-2SB1114 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
More results

Similar Description - 2SB1117

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-433-SP ETC2-ANT-433-SP Datasheet
286Kb / 1P
   Suitable for hand- or reflow-assembly
ANT-916-SP ETC2-ANT-916-SP Datasheet
285Kb / 1P
   Suitable for hand- or reflow-assembly
logo
Linx Technologies
ANT-433-SP LINX-ANT-433-SP Datasheet
570Kb / 2P
   Suitable for hand or reflow-assembly
1/3/2017
logo
Bel Fuse Inc.
FXC7000 BEL-FXC7000 Datasheet
857Kb / 5P
   Suitable for 3U or 5U Height Mounting
logo
Guilin Strong Micro-Ele...
GMA6801 GSME-GMA6801 Datasheet
279Kb / 3P
   Suitable for Driver Stage of Small Motor Complementary to GMC6802
GMC6802 GSME-GMC6802 Datasheet
278Kb / 3P
   Suitable for Driver Stage of Small Motor Complementary to GMA6801
logo
Ohmite Mfg. Co.
D100K5K0E OHMITE-D100K5K0E Datasheet
276Kb / 3P
   Terminals suitable for soldering or bolt connection
logo
Bel Fuse Inc.
FXP7000 BEL-FXP7000 Datasheet
1Mb / 9P
   Suitable for 3U or 5U Height Mounting
logo
Ohmite Mfg. Co.
L25J1R0E OHMITE-L25J1R0E Datasheet
180Kb / 1P
   Terminals suitable for soldering or bolt connection
logo
Rohm
BA6950FS ROHM-BA6950FS_11 Datasheet
307Kb / 11P
   0.5A or Less Reversible Motor Driver (Single Motor)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com