Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM123210GREBB-01 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GM123210GREBB-01
Description  LCD MODULE SPECIFICATION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GM123210GREBB-01 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GM123210GREBB-01 Datasheet HTML 1Page - List of Unclassifed Manufacturers GM123210GREBB-01 Datasheet HTML 2Page - List of Unclassifed Manufacturers GM123210GREBB-01 Datasheet HTML 3Page - List of Unclassifed Manufacturers GM123210GREBB-01 Datasheet HTML 4Page - List of Unclassifed Manufacturers GM123210GREBB-01 Datasheet HTML 5Page - List of Unclassifed Manufacturers GM123210GREBB-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers GM123210GREBB-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers GM123210GREBB-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers GM123210GREBB-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Confidential Document
Page:
5 /19
5. ELECTRICAL CHARACTERISTICS
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply Voltage
(Logic)
VDD-VSS
2.7
5.0
5.5
V
-20
°C
6.9
7.5
8.1
25
°C
5.8
6.4
6.9
Supply Voltage
(LCD)
VDD-VEE
70
°C
4.8
5.3
5.8
V
VIH
VSS+2.0
--
VDD
Input Voltage
VIL
--
VSS
--
VSS+0.8
V
Logic Supply
Current
IDD
VDD-VSS=5V
--
1.2
--
mA
6. ELECTRO-OPTICAL CHARACTERISTICS
ITEM
Symbol
Condition
Min.
Typ.
Max.
Unit
Ref.
0
°C
--
--
Rise Time
Tr
25
°C
--
120
240
ms
0
°C
--
--
Fall Time
Tf
25
°C
--
200
350
ms
Note (1)
Contrast
CR
25
°C
3
4
--
Note (3)
--
--
80
View Angle
θ1~θ2
∅1, ∅2
25
°C &
CR
≥1.5
-30
--
30
Note (2)
Frame Frequency
Ff
25
°C
--
64
--
Hz
Note (1) & (2) : See next page
Note (3) : Contrast ratio is defined under the following condition:
CR=
Brightness of non-selected condition
Brightness of selected condition
( a ).
Temperature ---------- 25
°C
( b ).
Frame frequency ---- 64Hz
( c ).
Viewing angle --------
θ= 0°, ∅ = 0°
( d ).
Operating voltage --- 6.4V


Similar Part No. - GM123210GREBB-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM123210GREBB-01 ETC-GM123210GREBB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
More results

Similar Description - GM123210GREBB-01

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
DMC20261NYJ-LY-BCE OPTREX-DMC20261NYJ-LY-BCE Datasheet
179Kb / 16P
   LCD Module Specification
DMC20481NY-LY-AGE OPTREX-DMC20481NY-LY-AGE Datasheet
180Kb / 16P
   LCD Module Specification
DM16207H OPTREX-DM16207H Datasheet
164Kb / 15P
   LCD Module Specification
logo
OPTEK Technologies
DMC20261NY-LY-AXE OPTEK-DMC20261NY-LY-AXE Datasheet
178Kb / 16P
   LCD Module Specification
DMC50448 OPTEK-DMC50448 Datasheet
169Kb / 15P
   LCD Module Specification
logo
OPTREX CORPORATION
DMC16205 OPTREX-DMC16205 Datasheet
165Kb / 15P
   LCD Module Specification
logo
List of Unclassifed Man...
AT043TN13 ETC2-AT043TN13 Datasheet
408Kb / 25P
   LCD MODULE SPECIFICATION
ST50AN01 ETC1-ST50AN01 Datasheet
148Kb / 8P
   LCD MODULE SPECIFICATION
GM123210SFSYB-01 ETC-GM123210SFSYB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
GM126414FRNNB-01 ETC-GM126414FRNNB-01 Datasheet
837Kb / 23P
   LCD MODULE SPECIFICATION
logo
OPTREX CORPORATION
F-51167NCU-FW-AB OPTREX-F-51167NCU-FW-AB Datasheet
281Kb / 17P
   LCD Module Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com