Electronic Components Datasheet Search |
|
GM123210GMNBB-01 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers |
|
GM123210GMNBB-01 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers |
11 / 19 page Confidential Document Page: 11 /19 COMMANDS Summary Code Function Command A0 RD WR D7 D6 D5 D4 D3 D2 D1 D0 Display ON/OFF 0 1 0 1 0 1 0 1 1 1 0/1 Turns display on or off. 1 : ON, 0 : OFF Display start line 0 1 0 1 1 0 Display start address (0 to 31) Specifies RAM line corresponding to top line of display. Set page address 0 1 0 1 0 1 1 1 0 Page (0 to 3) Sets display RAM page in page address register. Set column (segment) address 0 1 0 0 Column address (0 to 72) Sets display RAM column address in column address register. Reads the following status: BUSY 1 : Busy 0 : Ready ADC 1 : CW output 0 : CCW output ON/OFF 1 : Display off 0 : Display on Read status 0 0 1 Busy ADC ON/OFF Reset 0 0 0 0 RESET 1 : Being reset 0 : Normal Write display data 1 1 0 Write data Writes data from data bus into display RAM. Read display data 1 0 1 Read data Reads data from display RAM onto data bus. Select ADC 0 1 0 1 0 1 0 0 0 0 0/1 0 : CW output 1 : CCW output Static drive ON/OFF 0 1 0 1 0 1 0 0 1 0 0/1 Selets static driving operation. 1 : Static drive 0 : Normal driving Select duty 0 1 0 1 0 1 0 1 0 0 0/1 Selets LCD duty cycle 1 : 1/32 0 : 1/16 Read – Modify - Write 0 1 0 1 1 1 0 0 0 0 0 Read – modify – write ON End 0 1 0 1 1 1 0 1 1 1 0 Read – modify – write OFF Reset 0 1 0 1 1 1 0 0 0 1 0 Software reset |
Similar Part No. - GM123210GMNBB-01 |
|
Similar Description - GM123210GMNBB-01 |