Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM123210SRABB-01 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GM123210SRABB-01
Description  LCD MODULE SPECIFICATION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GM123210SRABB-01 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button GM123210SRABB-01 Datasheet HTML 3Page - List of Unclassifed Manufacturers GM123210SRABB-01 Datasheet HTML 4Page - List of Unclassifed Manufacturers GM123210SRABB-01 Datasheet HTML 5Page - List of Unclassifed Manufacturers GM123210SRABB-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers GM123210SRABB-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers GM123210SRABB-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers GM123210SRABB-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers GM123210SRABB-01 Datasheet HTML 10Page - List of Unclassifed Manufacturers GM123210SRABB-01 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Confidential Document
Page:
7 /20
6.1
LED ELECTRO-OPTICAL CHARACTERISTIC
Ta = 25°C
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 100mA
Yellow Green
1.9
2.1
2.3
V
Luminous Intensity
IV
IF = 100mA
Yellow Green
12
15
--
cd/m
2
Peak Emission
λP
IF = 100mA
Yellow Green
--
570
--
nm
Spectrum Radiation
∆λ
IF = 100mA
Yellow Green
--
30
--
nm
Reverse Current
IR
VR = 4V
Yellow Green
--
--
0.2
mA
Note : Measured at the bared LED backlight unit.
6.2 LED MAXIMUM OPERATING RANGE
Item
Symbol
Yellow Green
Unit
Power Dissipation
PAD
0.23
W
Forward Current
IAF
250
mA
Reverse Voltage
VR
4
V
A
K
10 dice


Similar Part No. - GM123210SRABB-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM123210SREBB-01 ETC-GM123210SREBB-01 Datasheet
215Kb / 19P
   LCD MODULE SPECIFICATION
GM123210SRENB-01 ETC-GM123210SRENB-01 Datasheet
215Kb / 19P
   LCD MODULE SPECIFICATION
GM123210SREWB-01 ETC-GM123210SREWB-01 Datasheet
215Kb / 19P
   LCD MODULE SPECIFICATION
GM123210SRNBB-01 ETC-GM123210SRNBB-01 Datasheet
215Kb / 19P
   LCD MODULE SPECIFICATION
GM123210SRNNB-01 ETC-GM123210SRNNB-01 Datasheet
215Kb / 19P
   LCD MODULE SPECIFICATION
More results

Similar Description - GM123210SRABB-01

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
DMC20261NYJ-LY-BCE OPTREX-DMC20261NYJ-LY-BCE Datasheet
179Kb / 16P
   LCD Module Specification
DMC20481NY-LY-AGE OPTREX-DMC20481NY-LY-AGE Datasheet
180Kb / 16P
   LCD Module Specification
DM16207H OPTREX-DM16207H Datasheet
164Kb / 15P
   LCD Module Specification
logo
OPTEK Technologies
DMC20261NY-LY-AXE OPTEK-DMC20261NY-LY-AXE Datasheet
178Kb / 16P
   LCD Module Specification
DMC50448 OPTEK-DMC50448 Datasheet
169Kb / 15P
   LCD Module Specification
logo
OPTREX CORPORATION
DMC16205 OPTREX-DMC16205 Datasheet
165Kb / 15P
   LCD Module Specification
logo
List of Unclassifed Man...
AT043TN13 ETC2-AT043TN13 Datasheet
408Kb / 25P
   LCD MODULE SPECIFICATION
ST50AN01 ETC1-ST50AN01 Datasheet
148Kb / 8P
   LCD MODULE SPECIFICATION
GM126414FRNNB-01 ETC-GM126414FRNNB-01 Datasheet
837Kb / 23P
   LCD MODULE SPECIFICATION
logo
OPTREX CORPORATION
F-51167NCU-FW-AB OPTREX-F-51167NCU-FW-AB Datasheet
281Kb / 17P
   LCD Module Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com