Part Name
         Description
2SD2623

 For low-frequency amplification ( 3 Page)


PANASONIC
100% 
Zoom Out Zoom In
   
 2 page
background image
2SD2623
2
SJC00284BED
VBE(sat)  IC
hFE  IC
Cob  VCB
PC  Ta
IC  VCE
VCE(sat)  IC
0
160
40
120
80
0
160
120
40
80
Ambient temperature T
a (°C)
0
06
15
24
3
0.8
Collector-emitter voltage V
CE (V)
0.6
0.4
0.2
IB
= 4.0 mA
1.0 mA
1.5 mA
2.0 mA
2.5 mA
3.0 mA
3.5 mA
0.5 mA
Ta
= 25°C
0.001
0.01
0.1
1
110
1 000
100
IC / IB
= 25
0.1
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
0.01
0.1
1
10
10
102
105
103
104
IC / IB
= 10
1
Ta
= −25°C
25
°C
75
°C
Collector current I
C (µA)
0
0.1
1
10
100
120
240
360
480
600
1 000
VCE
= 2 V
25
°C
−25°C
Collector current I
C (mA)
Ta
= 75°C
1
10
100
010
20
30
Collector-base voltage V
CB (V)
f
= 1 MHz
Ta
= 25°C
1  2  3 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SB0819For Low-Frequency Output Amplification 1 2 3 4 Panasonic Semiconductor
2SD0875For Low-Frequency Power Amplification 1 2 3 Panasonic Semiconductor
2SD2621Silicon NPN epitaxial planar type For low-frequency driver amplification 1 2 3 Panasonic Semiconductor
2SD0946For Low-Frequency Amplification 1 2 3 Panasonic Semiconductor
2SD0958For Low-Frequency And Low-Noise Amplification 1 2 3 Panasonic Semiconductor
2SB1593For Low-Frequency Output Amplification 1 2 3 Panasonic Semiconductor
2SD0968AFor Low-Frequency Driver Amplification 1 2 3 Panasonic Semiconductor
2SA0719For low-frequency power amplification and driver amplification Complementary 1 2 3 4 Panasonic Semiconductor
2SD0973AFor Low-Frequency Driver Amplification 1 2 3 4 Panasonic Semiconductor
XN01558Silicon NPN epitaxial planar type For low-frequency amplification 1 2 3 Panasonic Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl