Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM123210NRSWB-01 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GM123210NRSWB-01
Description  LCD MODULE SPECIFICATION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GM123210NRSWB-01 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GM123210NRSWB-01 Datasheet HTML 1Page - List of Unclassifed Manufacturers GM123210NRSWB-01 Datasheet HTML 2Page - List of Unclassifed Manufacturers GM123210NRSWB-01 Datasheet HTML 3Page - List of Unclassifed Manufacturers GM123210NRSWB-01 Datasheet HTML 4Page - List of Unclassifed Manufacturers GM123210NRSWB-01 Datasheet HTML 5Page - List of Unclassifed Manufacturers GM123210NRSWB-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers GM123210NRSWB-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers GM123210NRSWB-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers GM123210NRSWB-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Confidential Document
Page:
3 /19
3. GENERAL SPECIFICATION
Display Format :
122dots (W)
× 32dots (H)
Dot Size :
0.4 (W)
×
0.45 (H) mm
Dot Pitch
0.44 (W)
×
0.49 (H) mm
View Area :
60.6 (W)
×
20.0 (H) mm
General Dimensions :
64.8 (W)
×
30 (H)
× 4.7 (T) mm Max.
Weight :
10 g max.
V
LCD Type :
STN Gray
STN Yellow
FSTN
V
Polarizer mode :
Reflective
Transflective
Transmissive
Negative
V
View Angle :
6 O’clock
12 O’clock
Others
Backlight :
LED
EL
CCFL
Backlight Color :
Yellow green
Amber
Blue Green
White
Others
Controller / Driver :
SED1520D0A
Normal
V Wide Temperature
Operating 0 to 50
°C
Operating -20 to 70
°C
Temperature Range :
Storage
-20 to 70
°C
Storage
-30 to 80
°C


Similar Part No. - GM123210NRSWB-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM123210NRSAB-01 ETC-GM123210NRSAB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
GM123210NRSBB-01 ETC-GM123210NRSBB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
GM123210NRSYB-01 ETC-GM123210NRSYB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
More results

Similar Description - GM123210NRSWB-01

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
DMC20261NYJ-LY-BCE OPTREX-DMC20261NYJ-LY-BCE Datasheet
179Kb / 16P
   LCD Module Specification
DMC20481NY-LY-AGE OPTREX-DMC20481NY-LY-AGE Datasheet
180Kb / 16P
   LCD Module Specification
DM16207H OPTREX-DM16207H Datasheet
164Kb / 15P
   LCD Module Specification
logo
OPTEK Technologies
DMC20261NY-LY-AXE OPTEK-DMC20261NY-LY-AXE Datasheet
178Kb / 16P
   LCD Module Specification
DMC50448 OPTEK-DMC50448 Datasheet
169Kb / 15P
   LCD Module Specification
logo
OPTREX CORPORATION
DMC16205 OPTREX-DMC16205 Datasheet
165Kb / 15P
   LCD Module Specification
logo
List of Unclassifed Man...
AT043TN13 ETC2-AT043TN13 Datasheet
408Kb / 25P
   LCD MODULE SPECIFICATION
ST50AN01 ETC1-ST50AN01 Datasheet
148Kb / 8P
   LCD MODULE SPECIFICATION
GM123210SFSYB-01 ETC-GM123210SFSYB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
GM126414FRNNB-01 ETC-GM126414FRNNB-01 Datasheet
837Kb / 23P
   LCD MODULE SPECIFICATION
logo
OPTREX CORPORATION
F-51167NCU-FW-AB OPTREX-F-51167NCU-FW-AB Datasheet
281Kb / 17P
   LCD Module Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com