Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4D553238F-GC36 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K4D553238F-GC36
Description  256Mbit GDDR SDRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4D553238F-GC36 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button K4D553238F-GC36 Datasheet HTML 3Page - Samsung semiconductor K4D553238F-GC36 Datasheet HTML 4Page - Samsung semiconductor K4D553238F-GC36 Datasheet HTML 5Page - Samsung semiconductor K4D553238F-GC36 Datasheet HTML 6Page - Samsung semiconductor K4D553238F-GC36 Datasheet HTML 7Page - Samsung semiconductor K4D553238F-GC36 Datasheet HTML 8Page - Samsung semiconductor K4D553238F-GC36 Datasheet HTML 9Page - Samsung semiconductor K4D553238F-GC36 Datasheet HTML 10Page - Samsung semiconductor K4D553238F-GC36 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
256M GDDR SDRAM
K4D553238F-GC
- 7 -
Rev 1.3 (Mar. 2005)
• Power-Up Sequence
DDR SDRAMs must be powered up and initialized in a predefined manner to prevent undefined operations.
1. Apply power and keep CKE at low state (All other inputs may be undefined)
- Apply VDD before VDDQ .
- Apply VDDQ before VREF & VTT
2. Start clock and maintain stable condition for minimum 200us.
3. The minimum of 200us after stable power and clock(CK,CK ), apply NOP and take CKE to be high .
4. Issue precharge command for all banks of the device.
5. Issue a EMRS command to enable DLL
(Minimum 20 clock cycles are recommended prior to MRS command, however not mandatory just in case tMRD met)
*1
6. Issue a MRS command to reset DLL. The additional 200 clock cycles are required to lock the DLL.
*1,2 7. Issue precharge command for all banks of the device.
8. Issue at least 2 or more auto-refresh commands.
9. Issue a mode register set command with A8 to low to initialize the mode register.
*1 The additional 200cycles of clock input is required to lock the DLL after enabling DLL.
*2 Sequence of 6&7 is regardless of the order
FUNCTIONAL DESCRIPTION
Power up & Initialization Sequence
Command
tRP
tMRD
precharge
ALL Banks
2nd Auto
Refresh
Mode
Register Set
Any
Command
tRFC
1st Auto
Refresh
tRFC
EMRS
MRS
tMRD.
DLL Reset
precharge
ALL Banks
tRP
Inputs must be
stable for 200us
200 Clock min.
tMRD
CK,CK
* When the operating frequency is changed, DLL reset should be required again.
After DLL reset again, the minimum 200 cycles of clock input is needed to lock the DLL.


Similar Part No. - K4D553238F-GC36

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4D553238F-JC SAMSUNG-K4D553238F-JC Datasheet
297Kb / 17P
   256Mbit GDDR SDRAM
K4D553238F-JC2A SAMSUNG-K4D553238F-JC2A Datasheet
297Kb / 17P
   256Mbit GDDR SDRAM
K4D553238F-JC33 SAMSUNG-K4D553238F-JC33 Datasheet
297Kb / 17P
   256Mbit GDDR SDRAM
K4D553238F-JC36 SAMSUNG-K4D553238F-JC36 Datasheet
297Kb / 17P
   256Mbit GDDR SDRAM
K4D553238F-JC40 SAMSUNG-K4D553238F-JC40 Datasheet
297Kb / 17P
   256Mbit GDDR SDRAM
More results

Similar Description - K4D553238F-GC36

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4D551638D SAMSUNG-K4D551638D Datasheet
230Kb / 18P
   256Mbit GDDR SDRAM
K4D551638F-TC SAMSUNG-K4D551638F-TC Datasheet
206Kb / 16P
   256Mbit GDDR SDRAM
K4D553238F-JC SAMSUNG-K4D553238F-JC Datasheet
297Kb / 17P
   256Mbit GDDR SDRAM
K4J55323QF-GC SAMSUNG-K4J55323QF-GC Datasheet
1Mb / 49P
   256Mbit GDDR3 SDRAM
K4D553235F-GC SAMSUNG-K4D553235F-GC Datasheet
386Kb / 18P
   256M GDDR SDRAM
K4N56163QF SAMSUNG-K4N56163QF Datasheet
1Mb / 73P
   256Mbit gDDR2 SDRAM
K4D263238G-GC SAMSUNG-K4D263238G-GC Datasheet
325Kb / 20P
   128Mbit GDDR SDRAM
K4D261638F SAMSUNG-K4D261638F Datasheet
225Kb / 18P
   128Mbit GDDR SDRAM
K4D26323QG SAMSUNG-K4D26323QG Datasheet
315Kb / 18P
   128Mbit GDDR SDRAM
logo
Hynix Semiconductor
HY5DU113222FM-2 HYNIX-HY5DU113222FM-2 Datasheet
299Kb / 30P
   512M(16Mx32) GDDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com