Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM123210NFEWB-01 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GM123210NFEWB-01
Description  LCD MODULE SPECIFICATION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GM123210NFEWB-01 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GM123210NFEWB-01 Datasheet HTML 1Page - List of Unclassifed Manufacturers GM123210NFEWB-01 Datasheet HTML 2Page - List of Unclassifed Manufacturers GM123210NFEWB-01 Datasheet HTML 3Page - List of Unclassifed Manufacturers GM123210NFEWB-01 Datasheet HTML 4Page - List of Unclassifed Manufacturers GM123210NFEWB-01 Datasheet HTML 5Page - List of Unclassifed Manufacturers GM123210NFEWB-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers GM123210NFEWB-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers GM123210NFEWB-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers GM123210NFEWB-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Confidential Document
Page:
4 /19
4. ABSOLUTE MAXIMUM RATINGS
4.1
ELECTRICAL ABSOLUTE MAXIMUM RATINGS
VSS= 0V,
Ta = 25
°C
Item
Symbol
Min.
Max.
Unit
Supply Voltage
(Logic)
VDD-VSS
0
8
V
Supply Voltage
(LCD Driver)
VDD-VEE
0
16.5
V
Input Voltage
VI
VSS-0.3
VDD+0.3
V
Operating Temperature
TOP
-20
70
°C
Storage Temperature
TSTG
-30
80
°C
4.2
ENVIRONMENTAL ABSOLUTE MAXIMUM RATINGS
Operating
Storage
Item
(Min.)
Max.)
(Min.)
(Max.)
Comment
Ambient Temp
-20
70
-30
80
Note (1)
Humidity
Note (2)
Note(2)
Without Condensation
Vibration
--
4.9M/S
2
--
19.6M/S
2
XYZ Direction
Shock
--
29.4M/S
2
--
490M/S
2
XYZ Direction
Note(1)
Ta
=
0
°C : 50Hr Max.
Note(2)
Ta
≤ 40°C : 90% RH Max.
Ta
≥ 40°C : Absolute humidity must be lower than the humidity
of 90% RH at 40
°C.


Similar Part No. - GM123210NFEWB-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM123210NFEAB-01 ETC-GM123210NFEAB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
GM123210NFEBB-01 ETC-GM123210NFEBB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
GM123210NFEYB-01 ETC-GM123210NFEYB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
More results

Similar Description - GM123210NFEWB-01

ManufacturerPart #DatasheetDescription
logo
OPTREX CORPORATION
DMC20261NYJ-LY-BCE OPTREX-DMC20261NYJ-LY-BCE Datasheet
179Kb / 16P
   LCD Module Specification
DMC20481NY-LY-AGE OPTREX-DMC20481NY-LY-AGE Datasheet
180Kb / 16P
   LCD Module Specification
DM16207H OPTREX-DM16207H Datasheet
164Kb / 15P
   LCD Module Specification
logo
OPTEK Technologies
DMC20261NY-LY-AXE OPTEK-DMC20261NY-LY-AXE Datasheet
178Kb / 16P
   LCD Module Specification
DMC50448 OPTEK-DMC50448 Datasheet
169Kb / 15P
   LCD Module Specification
logo
OPTREX CORPORATION
DMC16205 OPTREX-DMC16205 Datasheet
165Kb / 15P
   LCD Module Specification
logo
List of Unclassifed Man...
AT043TN13 ETC2-AT043TN13 Datasheet
408Kb / 25P
   LCD MODULE SPECIFICATION
ST50AN01 ETC1-ST50AN01 Datasheet
148Kb / 8P
   LCD MODULE SPECIFICATION
GM123210SFSYB-01 ETC-GM123210SFSYB-01 Datasheet
218Kb / 20P
   LCD MODULE SPECIFICATION
GM126414FRNNB-01 ETC-GM126414FRNNB-01 Datasheet
837Kb / 23P
   LCD MODULE SPECIFICATION
logo
OPTREX CORPORATION
F-51167NCU-FW-AB OPTREX-F-51167NCU-FW-AB Datasheet
281Kb / 17P
   LCD Module Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com