Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2201 Datasheet(PDF) 1 Page - OKI electronic componets

Part # ML2201
Description  Speech Synthesizer LSI with on-chip 384K Mask ROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2201 Datasheet(HTML) 1 Page - OKI electronic componets

  ML2201 Datasheet HTML 1Page - OKI electronic componets ML2201 Datasheet HTML 2Page - OKI electronic componets ML2201 Datasheet HTML 3Page - OKI electronic componets ML2201 Datasheet HTML 4Page - OKI electronic componets ML2201 Datasheet HTML 5Page - OKI electronic componets ML2201 Datasheet HTML 6Page - OKI electronic componets ML2201 Datasheet HTML 7Page - OKI electronic componets ML2201 Datasheet HTML 8Page - OKI electronic componets ML2201 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
FEDL2201-01
1Semiconductor
This version: Mar. 2000
ML2201-XXX
Speech Synthesizer LSI with on-chip 384K Mask ROM
1/20
GENERAL DESCRIPTION
The ML2201 is a PCM-based speech synthesizer LSI having an on-chip 384K Mask ROM, D/A Converter and
Low Pass Filter. Utilizing the serial interface enables smaller footprint packaging, which makes the chip an ideal
choice for a pre-recorded message subsystem used with today’s size-critical applications.
FEATURES
• Sampling Frequency (Selectable for each single phrase)
4.0/5.3/6.4/8.0/10.6/12.8/16.0 kHz
• On-chip 384 Kbit Mask ROM
• Maximum Playback Time (At f
EXTCLK = 4.096 MHz)
12.0 sec
At f
SAM = 4.0 kHz
6.0 sec
At f
SAM = 8.0 kHz
3.0 sec
At f
SAM = 16.0 kHz
• External Clock Frequency Range *
f
EXTCLK = 3.5 to 4.096 MHz (Typ.) to 17.0 MHz
• On-chip Phrase Control Table
• Maximum Number of Phrases:
31 Phrases
• Built-in 10-bit Current-Output Type D/A Converter
• Built-in LPF
• Packaging:
8-pin Plastic SSOP (SSOP8-P-44-0.65-K)
(Product Code: ML2201-XXX MBZ060)
• Power Supply Voltage:
+2.0 to +5.5 V
* Note:
As of February 2000, ceramic oscillation on this chip is under development and thus the chip is not
functional with a ceramic oscillator. The manufacturer intends to add a ceramic oscillation option to the
chip. For more information on availability in commercial quantity, contact your sales representative.


Similar Part No. - ML2201

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2201-XXX OKI-ML2201-XXX Datasheet
159Kb / 20P
   Speech Synthesizer LSI with on-chip 384K Mask ROM
More results

Similar Description - ML2201

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2201-XXX OKI-ML2201-XXX Datasheet
159Kb / 20P
   Speech Synthesizer LSI with on-chip 384K Mask ROM
ML2213 OKI-ML2213 Datasheet
197Kb / 26P
   Speech Synthesizer plus Music LSI with On-Chip 1.5 Mbit Mask ROM
ML2215 OKI-ML2215 Datasheet
197Kb / 26P
   Speech Synthesizer plus Music LSI with On-Chip 3 Mbit Mask ROM
MSM9831 OKI-MSM9831 Datasheet
152Kb / 23P
   VOICE SYNTHESIS LSI with on-chip 384Kbit MASK ROM
logo
List of Unclassifed Man...
FEDL2256X-08 ETC2-FEDL2256X-08 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
   4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
FEDL2257X-07 ETC2-FEDL2257X-07 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM for Automotive
logo
EM Microelectronic - MA...
EM65XX EMMICRO-EM65XX Datasheet
274Kb / 28P
   Mask Rom
logo
Generalplus Technology ...
GPCH4384A GENERALPLUS-GPCH4384A Datasheet
500Kb / 20P
   4-channel Sound Controller with 384K Bytes ROM
logo
Sanyo Semicon Device
LC895194 SANYO-LC895194 Datasheet
85Kb / 7P
   CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com