Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML2201 Datasheet(PDF) 11 Page - OKI electronic componets

Part # ML2201
Description  Speech Synthesizer LSI with on-chip 384K Mask ROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2201 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button ML2201 Datasheet HTML 7Page - OKI electronic componets ML2201 Datasheet HTML 8Page - OKI electronic componets ML2201 Datasheet HTML 9Page - OKI electronic componets ML2201 Datasheet HTML 10Page - OKI electronic componets ML2201 Datasheet HTML 11Page - OKI electronic componets ML2201 Datasheet HTML 12Page - OKI electronic componets ML2201 Datasheet HTML 13Page - OKI electronic componets ML2201 Datasheet HTML 14Page - OKI electronic componets ML2201 Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
FEDL2201-01
1Semiconductor
ML2201–XXX
11/20
Table 2 Phrase Control Table Data
No.
X Address
(HEX)
Y Address (Phrasing Order)
(Up to 8 phrases)
Playback
1
01
[01]
[02]
Silence
[04]
[03]
It will be (Silence) fine today.
2
02
[01]
[02]
Silence
[05]
[03]
It will be (Silence) rainy today.
3
03
[01]
[02]
[04]
[09]
[06]
[0A]
[05]
[03]
It will be fine, later cloudy,
occasionally rainy.
::
:
30
1 E
31
1 F
Phrase Control Table Data
Address Control Table Data
No.
X Address
Phrasing Order
No.
Y Address
Phrase
1
01
1
[01] “It”
1
01
It
2
02
2
[02] “Will be”
2
02
will be
3
03
3
Silence (64 ms)
3
03
today
4
04
4
[05] “rainy”
4
04
fine
5
05
5
[03] “today”
5
05
rainy
6
06
6
6
06
cloudy
7
07
7
7
07
snowy
8
08
8
8
08
occasionally
9
09
later
10
0A
in some area
Set length of silence
(32 ms
× n)
n
Length of
Silence
1
32 ms
2
64 ms
:
:
:
:
:
:
::
:
:
:
:
:
:
:
:
:
31
1F
31
992 ms
31
1F
Time unit of silence varies
in proportion to the dividing
factor of f
EXTCLK.
Figure 2.1 Phrase Data Combination for Use with Phrase Control Table


Similar Part No. - ML2201

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2201-XXX OKI-ML2201-XXX Datasheet
159Kb / 20P
   Speech Synthesizer LSI with on-chip 384K Mask ROM
More results

Similar Description - ML2201

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2201-XXX OKI-ML2201-XXX Datasheet
159Kb / 20P
   Speech Synthesizer LSI with on-chip 384K Mask ROM
ML2213 OKI-ML2213 Datasheet
197Kb / 26P
   Speech Synthesizer plus Music LSI with On-Chip 1.5 Mbit Mask ROM
ML2215 OKI-ML2215 Datasheet
197Kb / 26P
   Speech Synthesizer plus Music LSI with On-Chip 3 Mbit Mask ROM
MSM9831 OKI-MSM9831 Datasheet
152Kb / 23P
   VOICE SYNTHESIS LSI with on-chip 384Kbit MASK ROM
logo
List of Unclassifed Man...
FEDL2256X-08 ETC2-FEDL2256X-08 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
   4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
FEDL2257X-07 ETC2-FEDL2257X-07 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM for Automotive
logo
EM Microelectronic - MA...
EM65XX EMMICRO-EM65XX Datasheet
274Kb / 28P
   Mask Rom
logo
Generalplus Technology ...
GPCH4384A GENERALPLUS-GPCH4384A Datasheet
500Kb / 20P
   4-channel Sound Controller with 384K Bytes ROM
logo
Sanyo Semicon Device
LC895194 SANYO-LC895194 Datasheet
85Kb / 7P
   CD-ROM Error Correction LSI with On-Chip ATA-PI (IDE) Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com