Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K73-43 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # K73-43
Description  FILM AND PAPER-FILM CAPACITORS
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

K73-43 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button K73-43 Datasheet HTML 2Page - List of Unclassifed Manufacturers K73-43 Datasheet HTML 3Page - List of Unclassifed Manufacturers K73-43 Datasheet HTML 4Page - List of Unclassifed Manufacturers K73-43 Datasheet HTML 5Page - List of Unclassifed Manufacturers K73-43 Datasheet HTML 6Page - List of Unclassifed Manufacturers K73-43 Datasheet HTML 7Page - List of Unclassifed Manufacturers K73-43 Datasheet HTML 8Page - List of Unclassifed Manufacturers K73-43 Datasheet HTML 9Page - List of Unclassifed Manufacturers K73-43 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 176 page
background image
ЭЛКОД
ЭЛКОД
6
Uном=250 В / Ur=250 V
Uном=400 В / Ur=400 V
Сном, мкФ
Cr, µF
Dmax,
mm
Lmax,
mm
d,
mm
Масса, г
Mass, g
max
Dmax,
mm
Lmax,
mm
d,
mm
Масса, г
Mass, g
max
0.022
0.027
7
1.5
0.033
0.039
8
2.0
0.047
0.056
7
1.5
9
2.2
0.068
8
1.6
10
14
0.6
2.4
0.082
8
0.10
9
1.7
9
2.5
0.12
10
14
0.6
1.8
10
3.0
0.15
8
2.0
11
3.5
0.18
9
2.4
12
4.0
0.22
10
2.8
13
4.5
0.27
3.0
14
5.0
0.33
11
5.0
15
18
6.0
0.39
12
5.5
10
4.0
0.47
13
6.0
11
5.0
0.56
14
18
6.5
12
6.0
0.68
10
7.0
13
7.0
0.82
11
7.5
14
8.0
1.0
12
8.0
15
30
0.8
9.0
1.2
13
9.0
1.5
14
10
1.8
15
11
2.2
17
30
0.8
12
2.7
14
12
3.3
16
15
3.9
17
18
4.7
19
21
5.6
20
24
6.8
22
28
8.2
26
40
10.0
28
44
1.0
46


Similar Part No. - K73-43

ManufacturerPart #DatasheetDescription
logo
KATHREIN Solutions GmbH
K733147 KATHREIN-K733147 Datasheet
28Mb / 152P
   Information about KATHREIN Broadcast
More results

Similar Description - K73-43

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
T6P5NR-F CDE-T6P5NR-F_15 Datasheet
114Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
T6P5NR-F CDE-T6P5NR-F Datasheet
134Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
logo
Exxelia Group
118P EXXELIA-118P Datasheet
801Kb / 6P
   Metal-Case Metalized Paper / Polyester FILM Capacitors
logo
Cornell Dubilier Electr...
SCRN201R-F CDE-SCRN201R-F Datasheet
169Kb / 3P
   Commutating Capacitors Film-Paper/Extended Foil Commutating Capacitor
logo
EPCOS
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com