Electronic Components Datasheet Search |
|
LL2012-FHL27NJ Datasheet(PDF) 2 Page - TOKO, Inc |
|
LL2012-FHL27NJ Datasheet(HTML) 2 Page - TOKO, Inc |
2 / 6 page Multilayer Chip Inductors 積層チップインダクタ 3 LL2012-FHL1N5S LL2012-FHL1N8S LL2012-FHL2N2S LL2012-FHL2N7S LL2012-FHL3N3S LL2012-FHL3N9S LL2012-FHL4N7S LL2012-FHL5N6S LL2012-FHL6N8J LL2012-FHL8N2J LL2012-FHL10NJ LL2012-FHL12NJ LL2012-FHL15NJ LL2012-FHL18NJ LL2012-FHL22NJ LL2012-FHL27NJ LL2012-FHL33NJ LL2012-FHL39NJ LL2012-FHL47NJ LL2012-FHL56NJ LL2012-FHL68NJ LL2012-FHL82NJ LL2012-FHLR10J LL2012-FHLR12J LL2012-FHLR15J LL2012-FHLR18J LL2012-FHLR22J LL2012-FHLR27J LL2012-FHLR33J LL2012-FHLR39J LL2012-FHLR47J LL2012-FHLR56J LL2012-FHLR68J continued from previous page 前頁より続く TOKO STANDARD PART NUMBERS/東光 標準品一覧 TYPE LL2012-FHLSeries (Quantity/reel; ~39nH [4,000 PCS], 47nH~ [3,000 PCS]) 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120* 150* 180* 220* 270** 330** 390** 470** 560** 680** 4000 0.10 0.02 300 4000 0.10 0.02 300 3800 0.10 0.03 300 3600 0.10 0.03 300 3400 0.10 0.04 300 3200 0.10 0.04 300 2800 0.12 0.03 300 2800 0.15 0.05 300 2100 0.15 0.06 300 2000 0.18 0.05 300 1600 0.20 0.06 300 1350 0.22 0.07 300 1350 0.24 0.11 300 1200 0.26 0.10 300 1100 0.28 0.09 300 1100 0.30 0.12 300 1000 0.40 0.13 300 900 0.50 0.13 300 800 0.55 0.21 300 750 0.60 0.23 300 700 0.65 0.24 300 600 0.70 0.28 300 550 0.80 0.33 300 500 0.85 0.32 250 450 0.90 0.44 250 400 1.00 0.51 250 360 3.00 2.15 200 330 3.50 3.22 200 300 4.00 2.86 150 270 4.50 3.82 150 240 5.00 2.58 50 210 5.50 2.69 50 180 6.00 3.14 50 11 12 12 12 12 12 12 12 12 15 15 16 16 16 16 16 16 16 17 17 17 20 20 16* 16* 10** 10** 11** 11** 11** 11** 11** 11** 1.5 ±0.5nH 800 1.7 ±0.5nH 800 2.1 ±0.5nH 800 2.42 ±0.5nH 800 3.0 ±0.5nH 800 3.7 ±0.5nH 800 4.6 ±0.5nH 800 5.7 ±0.5nH 800 6.7 ±10% 800 8.2 ±10% 800 10.2 ±10% 800 12.7 ±10% 800 15.8 ±10% 800 19.5 ±10% 800 24.5 ±10% 800 31.2 ±10% 800 38.5 ±10% 800 50.7 ±10% 800 63.9 ±10% 800 62.7 ±10% 500 80.3 ±10% 500 103 ±10% 500 142 ±10% 500 139 ±10% 300 173 ±10% 300 194 ±10% 200 234 ±10% 200 303 ±10% 200 382 ±10% 200 500 ±10% 200 –– – –– – –– – 15.3 27.5 37.5 52.0 61.5 79.3 14.0 25.0 33.9 46.6 54.0 78.4 16.7 29.5 39.9 55.0 62.6 96.4 15.5 27.5 36.8 50.8 57.8 89.0 15.4 29.0 39.2 52.6 59.2 96.4 16.0 29.7 39.7 53.4 59.7 76.8 16.5 30.4 40.9 54.3 61.0 81.0 17.0 31.3 42.1 55.2 61.0 76.9 18.7 33.3 44.6 58.1 63.9 89.7 18.5 32.2 42.4 54.8 59.5 73.2 18.9 33.7 44.4 56.9 61.5 75.7 20.5 36.5 47.5 60.8 65.9 79.8 22.1 39.5 51.5 64.2 68.2 67.9 22.9 40.7 52.9 64.9 68.4 49.3 21.6 38.0 48.6 56.8 57.4 – 22.8 39.6 49.4 57.4 57.3 – 23.0 39.9 49.9 55.6 54.4 – 24.6 41.4 50.0 50.9 45.5 – 24.8 41.8 49.5 47.4 39.4 – 26.1 43.3 50.0 44.5 34.5 – 25.7 41.8 46.2 33.6 18.1 – 26.5 41.4 43.1 21.5 – – 27.7 43.3 41.4 – – – 26.4 38.2 31.0 – – – 29.2 40.3 29.6 – – – 28.2 33.2 – – – – 25.1 32.8 – – – – 23.6 28.8 – – – – 26.0 28.6 – – – – 25.0 21.1 – – – – 25.5 – – – – – 24.5 – – – – – 26.5 – – – – – S S S S S S S S J J J J J J J J J J J J J J J J J J J J J J J J J TOKO part number 1800 MHz 1000 MHz 800 MHz 500 MHz 300 MHz 100 MHz Freq. (MHz) Inductance & Tolerance at 100MHz at 800(500, 300, 200)MHz Q Typ. Q Min. 100 MHz S.R.F (MHz) Min. RDC (Ω) Max. IDC (mA) Max. RDC (Ω) Typ. L (nH) Toler- ance L (nH) Toler- ance * at 50MHz, ** at 25MHz •Test Equipment & note (測定器/注意事項) • L, Q : RF Impedance Analyzer 4291A/B (Agilent), Test Fixture 16192A (Agilent) • S.R.F./自己共振周波数 : Network Analyzer 8719D (Agilent), 8720D (Agilent) • RDC/直流抵抗 : Milliohmmeter 4338A/B (Agilent) • Inductance tolerance/インダクタンス許容差 : S=±0.3nH, J=±5% • Operating temperature range/使用温度範囲 : −40°C~+100°C • Storage temperature range/保存温度範囲 : −40°C~+100°C |
Similar Part No. - LL2012-FHL27NJ |
|
Similar Description - LL2012-FHL27NJ |