Electronic Components Datasheet Search |
|
AT17C002A-10QI Datasheet(PDF) 1 Page - ATMEL Corporation |
|
AT17C002A-10QI Datasheet(HTML) 1 Page - ATMEL Corporation |
1 / 14 page 1 Features • Serial EEPROM Family for Configuring FLEX® Devices • Simple Interface to SRAM FPGAs • EE Programmable 2-Mbit Serial Memories Designed to Store Configuration Programs for Field Programmable Gate Arrays (FPGAs) • Cascadable Read Back to Support Additional Configurations or Future Higher-density Arrays • Low-power CMOS EEPROM Process • Programmable Reset Polarity • Available in the Space-efficient Surface-mount PLCC Package • In-System Programmable via 2-wire Bus • Emulation of Atmel’s AT24CXXX Serial EEPROMs • Available in 3.3V ± 5% LV and 5V ± 5% C Versions • System-friendly READY Pin • Replacement for AT17C/LV002A Description The AT17C002A and AT17LV002A (high-density AT17A Series) FPGA Configuration EEPROMs (configurators) provide an easy-to-use, cost-effective configuration mem- ory for programming Altera FLEX devices. The AT17A Series is packaged in the popular 20-lead PLCC and the 32-lead TQFP. The AT17A Series family uses a simple serial-access procedure to configure one or more FPGA devices. The AT17A Series organization supplies enough memory to configure one or multiple smaller FPGAs. Using a feature of the AT17A Series, the user can select the polarity of the reset func- tion by programming internal EEPROM bytes. The AT17A parts generate their own internal clock and can be used as a system “master” for loading the FPGA devices. The Atmel devices also support a system-friendly READY pin. The READY pin is used to simplify system power-up considerations. The AT17A Series Configurators can be programmed with industry-standard program- mers or Atmel’s ATDH2200E Programming Kit. FPGA Configuration EEPROM Memory 2-megabit Altera Pinout AT17C002A AT17LV002A Rev. 2280B–08/01 |
Similar Part No. - AT17C002A-10QI |
|
Similar Description - AT17C002A-10QI |