Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K75-49 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # K75-49
Description  FILM AND PAPER-FILM CAPACITORS
Download  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

K75-49 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  K75-49 Datasheet HTML 1Page - List of Unclassifed Manufacturers K75-49 Datasheet HTML 2Page - List of Unclassifed Manufacturers K75-49 Datasheet HTML 3Page - List of Unclassifed Manufacturers K75-49 Datasheet HTML 4Page - List of Unclassifed Manufacturers K75-49 Datasheet HTML 5Page - List of Unclassifed Manufacturers K75-49 Datasheet HTML 6Page - List of Unclassifed Manufacturers K75-49 Datasheet HTML 7Page - List of Unclassifed Manufacturers K75-49 Datasheet HTML 8Page - List of Unclassifed Manufacturers K75-49 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 176 page
background image
ЭЛКОД
ЭЛКОД
2
Перечень конденсаторов
Index capacitors
Конденсаторы полиэтилентерефталатные
Стр.
Polyester film capacitors
Page
К73-11
……………………………………………………………..
4
К73-13
……………………………………………………………..
11
К73-14М
……………………………………………………………..
13
К74-7
……………………………………………………………..
16
К73-15М
……………………………………………………………..
17
К73-17
……………………………………………………………..
20
К73-17М
……………………………………………………………..
24
К73-21б
……………………………………………………………..
27
К73-21г
……………………………………………………………..
30
К73-24в
……………………………………………………………..
32
К73-31
……………………………………………………………..
37
К73-39
……………………………………………………………..
41
К73-43в,г,д
……………………………………………………………..
47
К73-46
……………………………………………………………..
50
К73-50
……………………………………………………………..
53
К73-54
……………………………………………………………..
58
К73-56
……………………………………………………………..
61
К73-57
……………………………………………………………..
64
К73-59
……………………………………………………………..
67
К73-62
……………………………………………………………..
68
Конденсаторы полипропиленовые
Polypropylene film capacitors
К78-2
……………………………………………………………..
70
К78-5
……………………………………………………………..
75
К78-10
……………………………………………………………..
77
К78-12
……………………………………………………………..
84
К78-16
……………………………………………………………..
88
К78-19
……………………………………………………………..
91
К78-20
……………………………………………………………..
94
К78-21
……………………………………………………………..
95
К78-29
……………………………………………………………..
98
К78-37
……………………………………………………………..
102
К78-39
……………………………………………………………..
107
К78-41
……………………………………………………………..
109
К78-42
……………………………………………………………..
113
Конденсаторы с комбинированным диэлектриком
Paper – film capacitors
К75-15
……………………………………………………………..
117
К75-29A
……………………………………………………………..
120
К75-40
……………………………………………………………..
122
К75-48M
……………………………………………………………..
126
К75-49
……………………………………………………………..
128
К75-54
……………………………………………………………..
129
К75-59
……………………………………………………………..
132
К75-60
……………………………………………………………..
134
К75-63
……………………………………………………………..
135
К75-65М
……………………………………………………………..
140
К75-69
……………………………………………………………..
142
К75-74
……………………………………………………………..
143
К75-80
……………………………………………………………..
148
К75-81
……………………………………………………………..
152
К75-82
……………………………………………………………..
156
К75-83
……………………………………………………………..
157
К75-84
……………………………………………………………..
161
К75-85
……………………………………………………………..
162
К75-86
……………………………………………………………..
163
К75-88
……………………………………………………………..
165
К75-89
……………………………………………………………..
169
К75-90
……………………………………………………………..
171
К75-91
……………………………………………………………..
174
Конденсаторы с бумажным диэлектриком
Paper capacitors
МБГВ
……………………………………………………………..
176


Similar Part No. - K75-49

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
K75A06K3 VBSEMI-K75A06K3 Datasheet
987Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Infineon Technologies A...
K75EEH5 INFINEON-K75EEH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
K75H603 INFINEON-K75H603 Datasheet
1Mb / 16P
   600V hibh speed switching series third generation
2011-12-13 revision:1.2
K75T60 INFINEON-K75T60 Datasheet
411Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.6 Sep 08
More results

Similar Description - K75-49

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
T6P5NR-F CDE-T6P5NR-F_15 Datasheet
114Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
T6P5NR-F CDE-T6P5NR-F Datasheet
134Kb / 2P
   High Voltage Paper-Film/Foil Capacitors
logo
Exxelia Group
118P EXXELIA-118P Datasheet
801Kb / 6P
   Metal-Case Metalized Paper / Polyester FILM Capacitors
logo
Cornell Dubilier Electr...
SCRN201R-F CDE-SCRN201R-F Datasheet
169Kb / 3P
   Commutating Capacitors Film-Paper/Extended Foil Commutating Capacitor
logo
EPCOS
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com