Electronic Components Datasheet Search |
|
A29DL162UV-70 Datasheet(PDF) 7 Page - AMIC Technology |
|
A29DL162UV-70 Datasheet(HTML) 7 Page - AMIC Technology |
7 / 47 page A29DL16x Series PRELIMINARY (September, 2004, Version 0.0) 6 AMIC Technology, Corp. Word/Byte Configuration The BYTE pin determines whether the I/O pins I/O15-I/O0 operate in the byte or word configuration. If the BYTE pin is set at logic ”1”, the device is in word configuration, I/O15-I/O0 are active and controlled by CE and OE . If the BYTE pin is set at logic “0”, the device is in byte configuration, and only I/O0-I/O7 are active and controlled by CE and OE . I/O8-I/O14 are tri-stated, and I/O15 pin is used as an input for the LSB(A-1) address function. Requirements for Reading Array Data To read array data from the outputs, the system must drive the CE and OE pins to VIL. CE is the power control and selects the device. OE is the output control and gates array data to the output pins. WE should remain at VIH. The BYTE pin determines whether the device outputs array data in words or bytes. The internal state machine is set for reading array data upon device power-up, or after a hardware reset. This ensures that no spurious alteration of the memory content occurs during the power transition. No command is necessary in this mode to obtain array data. Standard microprocessor read cycles that assert valid addresses on the device address inputs produce valid data on the device data outputs. Each bank remains enabled for read access until the command register contents are altered. See "Requirements for Reading Array Data" for more information. Refer to the AC Read-Only Operations table for timing specifications and to Figure 11 for the timing waveform, lCC1 in the DC Characteristics table represents the active current specification for reading array data. Writing Commands/Command Sequences To write a command or command sequence (which includes programming data to the device and erasing sectors of memory), the system must drive WE and CE to VIL, and OE to VIH. For program operations, the BYTE pin determines whether the device accepts program data in bytes or words, Refer to “Word/Byte Configuration” for more information. The device features an Unlock Bypass mode to facilitate faster programming. Once a bank enters the Unlock Bypass mode, only two write cycles are required to program a word or byte, instead of four. The “Word / Byte Program Command Sequence” section has details on programming data to the device using both standard and Unlock Bypass command sequence. An erase operation can erase one sector, multiple sectors, or the entire device. The Sector Address Tables 3-4 indicate the address range that each sector occupies. The device address space is divided into two banks: Bank 1 contains the boot/parameter sectors, and Bank 2 contains the larger, code sectors of uniform size. A “bank address” is the address bits required to uniquely select a bank. Similarly, a “sector address” is the address bits required to uniquely select a sector. ICC2 in the DC Characteristics table represents the active current specification for the write mode. The "AC Characteristics" section contains timing specification tables and timing diagrams for write operations. Accelerated Program Operation The device offers accelerated program operations through the ACC function. This is one of two functions provided by the WP /ACC pin. This function is primarily intended to allow faster manufacturing throughput at the factory. If the system asserts VHH on this pin, the device automatically enters the aforementioned Unlock Bypass mode, temporarily unprotects any protected sectors, and uses the higher voltage on the pin to reduce the time required for program operations. The system would use a two-cycle program command sequence as required by the Unlock Bypass mode. Removing VHH from the WP /ACC pin returns the device to normal operation. Note that the WP /ACC pin must not be at VHH for operations other than accelerated program- ming, or device damage may result. In addition, the WP /ACC pin must not be left floating or unconnected; inconsistent behavior of the device may result. Autoselect Functions If the system writes the autoselect command sequence, the device enters the autoselect mode. The system can then read autoselect codes from the internal register (which is separate from the memory array) on I/O7-I/O0. Standard read cycle timings apply in this mode. Refer to the Autoselect Mode and Autoselect Command Sequence sections for more information. Simultaneous Read/Write Operations with Zero Latency This device is capable of reading data from one bank of memory while programming or erasing in the other bank of memory. An erase operation may also be suspended to read from or program to another location within the same bank (except the sector being erased). Figure 18 shows how read and write cycles may be initiated for simultaneous operation with zero latency. ICC6 and ICC7 in the DC Characteristics table represent the current specifications for read-while-pro- gram and read-while-erase, respectively. Standby Mode When the system is not reading or writing to the device, it can place the device in the standby mode. In this mode, current consumption is greatly reduced, and the outputs are placed in the high impedance state, independent of the OE input. The device enters the CMOS standby mode when the CE & RESET pins are both held at VCC ± 0.3V. (Note that this is a more restricted voltage range than VIH.) If CE and RESET are held at VIH, but not within VCC ± 0.3V, the device will be in the standby mode, but the standby current will be greater. The device requires the standard access time (tCE) for read access when the device is in either of these standby modes, before it is ready to read data. If the device is deselected during erasure or programming, the device draws active current until the operation is completed. ICC3 in the DC Characteristics tables represent the standby current specification. Automatic Sleep Mode The automatic sleep mode minimizes Flash device energy consumption. The device automatically enables this mode when addresses remain stable for tACC +30ns. The automatic |
Similar Part No. - A29DL162UV-70 |
|
Similar Description - A29DL162UV-70 |