Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXHL-BL01 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # LXHL-BL01
Description  Luxeon Emitter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LXHL-BL01 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button LXHL-BL01 Datasheet HTML 2Page - List of Unclassifed Manufacturers LXHL-BL01 Datasheet HTML 3Page - List of Unclassifed Manufacturers LXHL-BL01 Datasheet HTML 4Page - List of Unclassifed Manufacturers LXHL-BL01 Datasheet HTML 5Page - List of Unclassifed Manufacturers LXHL-BL01 Datasheet HTML 6Page - List of Unclassifed Manufacturers LXHL-BL01 Datasheet HTML 7Page - List of Unclassifed Manufacturers LXHL-BL01 Datasheet HTML 8Page - List of Unclassifed Manufacturers LXHL-BL01 Datasheet HTML 9Page - List of Unclassifed Manufacturers LXHL-BL01 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
Luxeon Emitter DS25 (4/05)
Notes: (for Tables 2 & 3) Continued
9. CRI (Color Rendering Index) for White product types is 70. CRI for Warm White product type is 90 with typical R
9 value
of 70.
10.All red, redorange and amber products built with Aluminum Indium Gallium Phosphide (AlInGaP).
11.All white, warm white, green, cyan, blue and royal blue products built with Indium Gallium Nitride (InGaN).
12.Blue and Royal Blue power light sources represented here are IEC825 Class 2 for eye safety.
Electrical Characteristics at 350mA, Junction Temperature, TJ = 25ºC
Table 4.
T
Te
em
mp
pe
erra
attu
urre
e
C
Co
oe
effffiic
ciie
en
ntt o
off
T
Th
he
errm
ma
all
F
Fo
orrw
wa
arrd
d
R
Re
es
siis
stta
an
nc
ce
e,,
F
Fo
orrw
wa
arrd
d V
Vo
olltta
ag
ge
e V
VFF [[11]]
D
Dy
yn
na
am
miic
c
V
Vo
olltta
ag
ge
e [3]
J
Ju
un
nc
cttiio
on
n
R
Ra
ad
diia
attiio
on
n
((V
V))
R
Re
es
siis
stta
an
nc
ce
e [2]
((m
mV
V//ooC
C))
tto
o C
Ca
as
se
e
P
Pa
atttte
errn
n
C
Co
ollo
orr
M
Miin
n..
T
Ty
yp
p..
M
Ma
ax
x..
((Ω
Ω)) R
R
D
D
∆∆VV
F
F /
/
∆∆TT
J
J
((ooC
C//W
W)) R
R
θθ
J
J C
C
White
2.79
3.42
3.99
1.0
2.0
15
Warm White
2.79
3.42
3.99
1.0
2.0
15
Green
2.79
3.42
3.99
1.0
2.0
15
Cyan
2.79
3.42
3.99
1.0
2.0
15
Blue
2.79
3.42
3.99
1.0
2.0
15
Batwing
Royal Blue
2.79
3.42
3.99
1.0
2.0
15
Red (BD01)
2.31
2.85
3.27
2.4
2.0
15
Red (BD03)
2.31
2.95
3.51
2.4
2.0
18
RedOrange
2.31
2.95
3.51
2.4
2.0
18
Amber (BL01)
2.31
2.85
3.27
2.4
2.0
15
Amber (BL03)
2.31
2.95
3.51
2.4
2.0
18
White
2.79
3.42
3.99
1.0
2.0
15
Green
2.79
3.42
3.99
1.0
2.0
15
Cyan
2.79
3.42
3.99
1.0
2.0
15
Lambertian
Blue
2.79
3.42
3.99
1.0
2.0
15
Royal Blue
2.79
3.42
3.99
1.0
2.0
15
Red
2.31
2.95
3.51
2.4
2.0
18
RedOrange
2.31
2.95
3.51
2.4
2.0
18
Amber
2.31
2.95
3.51
2.4
2.0
18
White
2.79
3.42
3.99
1.0
2.0
15
Green
2.79
3.42
3.99
1.0
2.0
15
Cyan
2.79
3.42
3.99
1.0
2.0
15
Side Emitting
Blue
2.79
3.42
3.99
1.0
2.0
15
Royal Blue
2.79
3.42
3.99
1.0
2.0
15
Red
2.31
2.95
3.51
2.4
2.0
18
RedOrange
2.31
2.95
3.51
2.4
2.0
18
Amber
2.31
2.95
3.51
2.4
2.0
18
Notes for Table 4:
1.
Lumileds maintains a tolerance of ± 0.06V on forward voltage measurements.
2.
Dynamic resistance is the inverse of the slope in linear forward voltage model for LEDs. See Figures 3a and 3b. Measured
between 25°C
≤ T
J ≤ 110°C at I
F = 350mA.


Similar Part No. - LXHL-BL01

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXHL-BL01 LUMILEDS-LXHL-BL01 Datasheet
956Kb / 19P
   power light source LUXEON짰 Emitter
LXHL-BL01-00G LUMILEDS-LXHL-BL01-00G Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
LXHL-BL01-00H LUMILEDS-LXHL-BL01-00H Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
LXHL-BL01-N00 LUMILEDS-LXHL-BL01-N00 Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
LXHL-BL01-N0G LUMILEDS-LXHL-BL01-N0G Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
More results

Similar Description - LXHL-BL01

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS34 LUMILEDS-DS34 Datasheet
493Kb / 9P
   power light source Luxeon V Emitter
DS25A LUMILEDS-DS25A Datasheet
98Kb / 4P
   power light source Luxeon Emitter Option Code Selections
logo
List of Unclassifed Man...
LXZ2-4070 ETC2-LXZ2-4070_14 Datasheet
2Mb / 23P
   LUXEON Z LUXEON Z ES
logo
Lumileds Lighting Compa...
LXML-PR02 LUMILEDS-LXML-PR02 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES
LXML-PX02-0000 LUMILEDS-LXML-PX02-0000 Datasheet
2Mb / 31P
   LUXEON Rebel and LUXEON Rebel ES
LHUV-0380-0150 LUMILEDS-LHUV-0380-0150 Datasheet
1Mb / 15P
   LUXEON UV
DS68 LUMILEDS-DS68 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
logo
List of Unclassifed Man...
LXHL-LB3C ETC-LXHL-LB3C Datasheet
242Kb / 14P
   Luxeon III Star
LXZ1-PM01 ETC2-LXZ1-PM01_14 Datasheet
3Mb / 28P
   LUXEON Z Color Protfolio
logo
Lumileds Lighting Compa...
DS24 LUMILEDS-DS24 Datasheet
215Kb / 8P
   power light source Luxeon Flood
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com