Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M464S3354BTS Datasheet(PDF) 5 Page - Samsung semiconductor

Part # M464S3354BTS
Description  SDRAM Unbuffered SODIMM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M464S3354BTS Datasheet(HTML) 5 Page - Samsung semiconductor

  M464S3354BTS Datasheet HTML 1Page - Samsung semiconductor M464S3354BTS Datasheet HTML 2Page - Samsung semiconductor M464S3354BTS Datasheet HTML 3Page - Samsung semiconductor M464S3354BTS Datasheet HTML 4Page - Samsung semiconductor M464S3354BTS Datasheet HTML 5Page - Samsung semiconductor M464S3354BTS Datasheet HTML 6Page - Samsung semiconductor M464S3354BTS Datasheet HTML 7Page - Samsung semiconductor M464S3354BTS Datasheet HTML 8Page - Samsung semiconductor M464S3354BTS Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
256MB, 512MB Unbuffered SODIMM
Rev. 1.2 March 2004
SDRAM
PIN CONFIGURATION DESCRIPTION
Pin
Name
Input Function
CLK
System clock
Active on the positive going edge to sample all inputs.
CS
Chip select
Disables or enables device operation by masking or enabling all inputs except
CLK, CKE and DQM
CKE
Clock enable
Masks system clock to freeze operation from the next clock cycle.
CKE should be enabled at least one cycle prior to new command.
Disable input buffers for power down in standby.
CKE should be enabled 1CLK+tSS prior to valid command.
A0 ~ A12
Address
Row/column addresses are multiplexed on the same pins.
Row address : RA0 ~ RA12
Column address : (x16 : CA0 ~ CA9)
BA0 ~ BA1
Bank select address
Selects bank to be activated during row address latch time.
Selects bank for read/write during column address latch time.
RAS
Row address strobe
Latches row addresses on the positive going edge of the CLK with RAS low.
Enables row access & precharge.
CAS
Column address strobe
Latches column addresses on the positive going edge of the CLK with CAS low.
Enables column access.
WE
Write enable
Enables write operation and row precharge.
Latches data in starting from CAS, WE active.
DQM0 ~ 7
Data input/output mask
Makes data output Hi-Z, tSHZ after the clock and masks the output.
Blocks data input when DQM active. (Byte masking)
DQ0 ~ 63
Data input/output
Data inputs/outputs are multiplexed on the same pins.
VDD/VSS
Power supply/ground
Power and ground for the input buffers and the core logic.


Similar Part No. - M464S3354BTS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M464S3323BN0 SAMSUNG-M464S3323BN0 Datasheet
127Kb / 9P
   144pin SDRAM SODIMM
M464S3323BN0-C1H/L1H SAMSUNG-M464S3323BN0-C1H/L1H Datasheet
127Kb / 9P
   144pin SDRAM SODIMM
M464S3323BN0-C1L/L1L SAMSUNG-M464S3323BN0-C1L/L1L Datasheet
127Kb / 9P
   144pin SDRAM SODIMM
More results

Similar Description - M464S3354BTS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M464S3254ET SAMSUNG-M464S3254ET Datasheet
268Kb / 18P
   SDRAM Unbuffered SODIMM
logo
Mosel Vitelic, Corp
V436516Y04V MOSEL-V436516Y04V Datasheet
307Kb / 11P
   128MB 144-PIN UNBUFFERED SDRAM SODIMM, 16MX64 3.3VOLT
logo
Samsung semiconductor
M470T6554CZ0 SAMSUNG-M470T6554CZ0 Datasheet
270Kb / 20P
   DDR2 Unbuffered SODIMM
logo
Mosel Vitelic, Corp
V436664X24V MOSEL-V436664X24V Datasheet
299Kb / 13P
   512MB 144-PIN UNBUFFERED SDRAM SODIMM, 64M X 64 3.3VOLT
logo
List of Unclassifed Man...
VL-MM7-2SBN ETC2-VL-MM7-2SBN Datasheet
215Kb / 12P
   2GB 256Mx64 DDR3 SDRAM NON-ECC UNBUFFERED SODIMM 204-PIN
VL-MM8-1EBN ETC2-VL-MM8-1EBN Datasheet
188Kb / 10P
   1GB 128Mx64 DDR2 SDRAM NON-ECC UNBUFFERED SODIMM 200-PIN
logo
Samsung semiconductor
M470L3224FU0 SAMSUNG-M470L3224FU0 Datasheet
264Kb / 20P
   DDR SDRAM SODIMM
logo
Micron Technology
MT18VDDF12872HG MICRON-MT18VDDF12872HG Datasheet
217Kb / 10P
   DDR SDRAM SODIMM
MT16HTS25664HY MICRON-MT16HTS25664HY Datasheet
331Kb / 14P
   DDR2 SDRAM SODIMM
2006
logo
List of Unclassifed Man...
UG42S6442HSG ETC2-UG42S6442HSG Datasheet
185Kb / 2P
   16M Bytes (2M x 64 bits) PC100 SDRAM Unbuffered SODIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com