Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

550D826X0020S2 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 550D826X0020S2
Description  Solid-Electrolyte TANTALEX Capacitors for High Frequency Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

550D826X0020S2 Datasheet(HTML) 4 Page - Vishay Siliconix

  550D826X0020S2 Datasheet HTML 1Page - Vishay Siliconix 550D826X0020S2 Datasheet HTML 2Page - Vishay Siliconix 550D826X0020S2 Datasheet HTML 3Page - Vishay Siliconix 550D826X0020S2 Datasheet HTML 4Page - Vishay Siliconix 550D826X0020S2 Datasheet HTML 5Page - Vishay Siliconix 550D826X0020S2 Datasheet HTML 6Page - Vishay Siliconix 550D826X0020S2 Datasheet HTML 7Page - Vishay Siliconix 550D826X0020S2 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
27
550D
Vishay Sprague
Document Number: 40017
Revision 11-Nov-04
For technical questions, contact tantalum@vishay.com
TYPICAL CURVES @ + 25°C, IMPEDANCE AND ESR VS FREQUENCY
1
0.1
.01
FREQUENCY IN HERTZ
100
1K
10K
100K
1M
10M
10
180µF, 6 V
180µF, 6 V
IMPEDANCE
ESR
330µF, 6 V
330µF, 6 V
1
0.1
.01
FREQUENCY IN HERTZ
100
1K
10K
100K
1M
10M
10
IMPEDANCE
ESR
120µF, 10 V
220µF, 10 V
120µF, 10 V
220µF, 10 V
1
0.1
.01
FREQUENCY IN HERTZ
100
1K
10K
100K
1M
10M
10
IMPEDANCE
ESR
150µF, 15 V
68µF, 15 V
150µF, 15 V
68µF, 15 V
1
0.1
.01
FREQUENCY IN HERTZ
100
1K
10K
100K
1M
10M
10
IMPEDANCE
ESR
100µF, 20 V
47µF, 20 V
47µF, 20 V
100µF, 20 V
1
0.1
.01
FREQUENCY IN HERTZ
100
1K
10K
100K
1M
10M
10
IMPEDANCE
ESR
47µF, 35 V
22µF, 35 V
22µF, 35 V
47µF, 35 V
1
0.1
.01
FREQUENCY IN HERTZ
100
1K
10K
100K
1M
10M
10
IMPEDANCE
ESR
22µF, 50 V
18µF, 50 V
22µF, 50 V
18µF, 50 V


Similar Part No. - 550D826X0020S2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
550D826X0020S2 VISHAY-550D826X0020S2 Datasheet
148Kb / 9P
   Solid-Electrolyte TANTALEX짰 Capacitors for High Frequency Power Supplies
Revision: 28-Aug-08
More results

Similar Description - 550D826X0020S2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
199D686X9025F6V1 VISHAY-199D686X9025F6V1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors
Revision: 29-Nov-12
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
   Solid-Electrolyte TANTALEX??Capacitors
152D VISHAY-152D Datasheet
153Kb / 11P
   Solid-Electrolyte TANTALEX??Capacitors
550D VISHAY-550D_08 Datasheet
148Kb / 9P
   Solid-Electrolyte TANTALEX짰 Capacitors for High Frequency Power Supplies
Revision: 28-Aug-08
173D VISHAY-173D Datasheet
81Kb / 6P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
Revision 13-Jun-02
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
150D VISHAY-150D Datasheet
72Kb / 9P
   Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed, Axial-Lead
Revision: 16-Jan-08
173D107X9020YWE3 VISHAY-173D107X9020YWE3 Datasheet
114Kb / 10P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded Case
Revision: 05-Apr-12
199D225X9050C1V1E3 VISHAY-199D225X9050C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com