Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUP311D Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BUP311D
Description  IGBT With Antiparallel Diode Preliminary data sheet
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BUP311D Datasheet(HTML) 7 Page - Infineon Technologies AG

  BUP311D Datasheet HTML 1Page - Infineon Technologies AG BUP311D Datasheet HTML 2Page - Infineon Technologies AG BUP311D Datasheet HTML 3Page - Infineon Technologies AG BUP311D Datasheet HTML 4Page - Infineon Technologies AG BUP311D Datasheet HTML 5Page - Infineon Technologies AG BUP311D Datasheet HTML 6Page - Infineon Technologies AG BUP311D Datasheet HTML 7Page - Infineon Technologies AG BUP311D Datasheet HTML 8Page - Infineon Technologies AG BUP311D Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Semiconductor Group
7
May-06-1999
BUP 311D
Typ. switching time
t = f (RG) , inductive load , Tj = 125°C
par.:
VCE=600V, VGE = ±15V, IC =8 A
0
50
100 150 200 250 300 350 400
500
R
G
1
10
2
10
3
10
ns
t
tdon
tr
tdoff
tf
Typ. switching time
t = f (IC) , inductive load , Tj = 125°C
par.:
VCE=600V, VGE = ±15V, RG =153Ω
0
4
8
12
16
20
24
A
30
I
C
1
10
2
10
3
10
ns
t
tdon
tr
tdoff
tf
Typ. switching losses
E = f (IC) , inductive load , Tj = 125°C
par.:
VCE=600V, VGE = ±15V, RG =153Ω
0
4
8
12
16
20
24
A
30
I
C
0
1
2
3
4
5
6
7
8
mWs
10
E
Eon
Eoff
Typ. switching losses
E = f (RG) , inductive load , Tj = 125°C
par.:
VCE=600V, VGE = ±15V, IC =8 A
0
50
100 150 200 250 300 350 400
500
R
G
0
1
2
3
4
5
6
7
8
mWs
10
E
Eon
Eon
Infineon


Similar Part No. - BUP311D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUP311D INFINEON-BUP311D Datasheet
201Kb / 10P
   HighSpeed 2-Technology
Mar-04, Rev. 2.0
More results

Similar Description - BUP311D

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82462G4103M EPCOS-B82462G4103M Datasheet
45Kb / 3P
   PRELIMINARY DATA SHEET
logo
Hynix Semiconductor
HMS9XC7132 HYNIX-HMS9XC7132 Datasheet
264Kb / 34P
   DATA SHEET REV.2.0(PRELIMINARY)
logo
Weltrend Semiconductor
WT62P2 WELTREND-WT62P2 Datasheet
48Kb / 5P
   Digital Monitor Controller with USB Function Preliminary Data Sheet
logo
Infineon Technologies A...
IKP30N65F5 INFINEON-IKP30N65F5 Datasheet
2Mb / 17P
   IGBT copacked with RAPID 1 fast and soft antiparallel diode
Rev.2.2,2014-12-04
IKW40N65F5A INFINEON-IKW40N65F5A Datasheet
1Mb / 16P
   IGBT copacked with RAPID 1 fast and soft antiparallel diode
Rev.2.1,2014-12-15
logo
PMC-Sierra, Inc
PM8610 PMC-PM8610 Datasheet
1Mb / 338P
   SBS Telecom Standard Product Data Sheet Preliminary
PM8621 PMC-PM8621 Datasheet
1Mb / 184P
   NSE-8G??Standard Product Data Sheet Preliminary
PM8611 PMC-PM8611 Datasheet
1Mb / 292P
   SBSLITE??Telecom Standard Product Data Sheet Preliminary
PM8620 PMC-PM8620 Datasheet
1Mb / 190P
   NSE-20G??Standard Product Data Sheet Preliminary
RM7065A PMC-RM7065A Datasheet
776Kb / 52P
   RM7065A??Microprocessor with On-Chip Secondary Cache Data Sheet Preliminary
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com