Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A29DL164UV-90 Datasheet(PDF) 4 Page - AMIC Technology

Part # A29DL164UV-90
Description  16 Megabit (2M x 8-Bit/1M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29DL164UV-90 Datasheet(HTML) 4 Page - AMIC Technology

  A29DL164UV-90 Datasheet HTML 1Page - AMIC Technology A29DL164UV-90 Datasheet HTML 2Page - AMIC Technology A29DL164UV-90 Datasheet HTML 3Page - AMIC Technology A29DL164UV-90 Datasheet HTML 4Page - AMIC Technology A29DL164UV-90 Datasheet HTML 5Page - AMIC Technology A29DL164UV-90 Datasheet HTML 6Page - AMIC Technology A29DL164UV-90 Datasheet HTML 7Page - AMIC Technology A29DL164UV-90 Datasheet HTML 8Page - AMIC Technology A29DL164UV-90 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
A29DL16x Series
PRELIMINARY
(September, 2004, Version 0.0)
3
AMIC Technology, Corp.
Pin Configurations
TSOP (I)
A29DL16xV
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A14
A13
A12
A11
A10
A9
A8
NC
WE
RESET
NC
WP/ACC
RY/BY
A18
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
I/O 2
I/O 10
I/O 3
I/O 11
VCC
I/O 4
I/O 12
I/O 5
I/O 13
I/O 6
I/O 14
I/O 7
I/O 15(A-1)
VSS
BYTE
A16
A15
A19
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
I/O 9
I/O 1
I/O 8
I/O 0
OE
VSS
CE
A0
A17
A7
A6
A5
A4
A3
A2
A1
TFBGA
A6
B6
C6
D6
E6
F6
G6
H6
TFBGA
Top View, Balls Facing Down
A5
B5
C5
D5
E5
F5
G5
H5
A4
B4
C4
D4
E4
F4
G4
H4
A3
B3
C3
D3
E3
F3
G3
H3
A2
B2
C2
D2
E2
F2
G2
H2
A1
B1
C1
D1
E1
F1
G1
H1
A13
A12
A14
A15
A16
BYTE
I/O15(A-1)
VSS
A9
A8
A10
A11
I/O7
I/O14
I/O13
I/O6
WE
RESET
NC
A19
I/O5
I/O12
VCC
I/O4
RY/BY
A18
NC
I/O2
I/O10
I/O11
I/O3
A7
A17
A6
A5
I/O0
I/O 8
I/O9
I/O1
A3
A4
A2
A1
A0
CE
OE
VSS
WP/ACC


Similar Part No. - A29DL164UV-90

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29DL322 AMICC-A29DL322 Datasheet
771Kb / 50P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
A29DL322TG-120 AMICC-A29DL322TG-120 Datasheet
771Kb / 50P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
A29DL322TG-70 AMICC-A29DL322TG-70 Datasheet
771Kb / 50P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
A29DL322TG-80 AMICC-A29DL322TG-80 Datasheet
771Kb / 50P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
A29DL322TG-90 AMICC-A29DL322TG-90 Datasheet
771Kb / 50P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results

Similar Description - A29DL164UV-90

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29DL32X AMICC-A29DL32X Datasheet
771Kb / 50P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Austin Semiconductor
AS29LV016J AUSTIN-AS29LV016J Datasheet
420Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016 AUSTIN-AS29LV016 Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29DL16XD AMD-AM29DL16XD_06 Datasheet
1Mb / 57P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL16XD AMD-AM29DL16XD Datasheet
1Mb / 57P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL16XC AMD-AM29DL16XC Datasheet
688Kb / 51P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
S29JL032J70TFI420 SPANSION-S29JL032J70TFI420 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29JL032J70TFI320 SPANSION-S29JL032J70TFI320 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29JL032J SPANSION-S29JL032J Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
logo
AMIC Technology
A29L160 AMICC-A29L160_07 Datasheet
531Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com