Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

550D396X0035S2 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 550D396X0035S2
Description  Solid-Electrolyte TANTALEX Capacitors for High Frequency Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

550D396X0035S2 Datasheet(HTML) 7 Page - Vishay Siliconix

  550D396X0035S2 Datasheet HTML 1Page - Vishay Siliconix 550D396X0035S2 Datasheet HTML 2Page - Vishay Siliconix 550D396X0035S2 Datasheet HTML 3Page - Vishay Siliconix 550D396X0035S2 Datasheet HTML 4Page - Vishay Siliconix 550D396X0035S2 Datasheet HTML 5Page - Vishay Siliconix 550D396X0035S2 Datasheet HTML 6Page - Vishay Siliconix 550D396X0035S2 Datasheet HTML 7Page - Vishay Siliconix 550D396X0035S2 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Document Number: 40017
Revision 11-Nov-04
www.vishay.com
30
550D
Vishay Sprague
For technical questions, contact tantalum@vishay.com
13.
Moisture Resistance:
13.1
Capacitors shall be subjected to temperature cycling
at 90% to 98% relative humidity, in a test chamber
constructed of non-reactive materials
(non-resiniferous and containing no formaldehyde or
phenol). Steam or distilled, demineralized or deionized
water having a pH value between 6.0 and 7.2 at + 23°C
shall be used to obtain the required humidity. No rust,
corrosive contaminants or dripping condensate shall
be imposed on test specimens.
13.1.1 Capacitors shall be mounted by their normal mounting
means in a normal mounting position and placed in a
test chamber so that uniform and thorough exposure
is obtained.
13.1.2 No conditioning or initial measurements will be
performed prior to temperature cycling. Polarization
and load voltages are not applicable.
13.1.3 Capacitors shall be subjected to temperature cycling
from + 25°C to + 65°C to + 25°C (+ 10°C, -2°C) over
a period of 8 hours, at 90% to 98% relative humidity,
for 20 cycles.
13.1.4 Temperature cycling shall be stopped after an even
number of cycles 5 times during the first 18 cycles,
and the capacitor shall be alloweed to stabilize at high
humidity for 1 to 4 hours.
13.1.5 After stabilization, capacitors shall be removed from
the humidity chamber and shall be conditioned for 3
hours at - 10°C ± 2°C.
13.1.6 After cold conditioning, capacitors shall be subjected
to vibration cycling consisting of a simple harmonic
vibration having an amplitude of 0.03” [0.76] and a
maximum total excursion of 0.06” [1.52] varied uniformly
from 10Hz to 55Hz to 10Hz over a period of 1 minute,
for 15 cycles.
13.1.7 Capacitors shall then be returned to temperature/
humidity cycling.
13.2
After completion of temperature cycling, capacitors
shall be removed from the test chamber and stabilized
at room temperature for 2 to 6 hours.
13.3
Capacitors shall show no evidence of harmful or
extensive corrosion, obliteration or marking or other
visible damage.
13.4
Following the moisture resistance test, capacitors shall
meet the original limits for capacitance, dissipation
factor and leakage current.
14.
Insulating Sleeves:
14.1
Capacitors with insulating sleeves shall withstand a
2000 volt DC potential applied for 1 minute between
the case and a metal ‘V’ block in intimate contact with
the insulating sleeve.
14.2
Capacitors with insulating sleeves shall have the
insulation resistance measured between the case and
a metal ‘V’ block in intimate contact with the insulating
sleeve. The insulation resistance shall be at least
1000 megohms.
15.
Thermal Shock And Immersion Cycling:
15.1
Capacitors shall be conditioned prior to temperature
cycling for 15 minutes at + 25°C, at less than 50%
relative humidity and a barometric pressure at 28 to 31
inches.
15.2
Capacitors shall be subjected to thermal shock in a
cycle of exposure to ambient air at - 65°C (+ 0°C, - 5°C)
for 30 minutes, then, + 25°C (+ 10°C, - 5°C) for 5
minutes, then + 125°C (+ 3°C, - 0°C) for 30 minutes, then
+ 25°C (+ 10°C, - 5°C) for 5 minutes, for 5 cycles.
15.3
Between 4 and 24 hours after temperature cycling,
capacitors shall be subjected to immersion in a bath of
fresh tap water with the non-corrosive dye
Rhodamine B added, at + 65°C (+ 5°C, - 0°C) for 15
minutes, then, within 3 seconds, immersed in a
saturated solution of sodium chloride and water with
Rhodamine B added, at a temperature of + 25°C
(+ 10°C, - 5°C) for 15 minutes, for 2 cycles.
15.3.1 Capacitors shall be thoroughly rinsed and wiped or
air-blasted dry immediately upon removal from
immersion cycling.
15.4
Capacitors shall show no evidence of harmful or
extensive corrosion, obliteration of marking or other
visable damage.
15.5
Following the thermal shock immersion cycling test,
capacitors shall meet the original requirements for
leakage current and dissipation factor;
capacitance change shall not exceed ± 5% of the
original measured value.
15.6
Capacitors shall be opened and examined. There
shall be no evidence of dye penatration.
16.
Reduced Pressure Test:
16.1
Capacitors shall be stabilized at a reduced pressure of
0.315” [8.0] of mercury, equivalent to an altitude of
100,000 feet [30,480 meters], for a period of 5 minutes.
16.2
Rated DC voltage shall be applied for 1 minute.
16.3
Capacitors shall not flash over nor shall end seals be
damaged.
16.4
Following the reduced pressure test, the capacitance,
equivalent series resistance and leakage current shall
meet the original requirements.
17.
Lead Pull Test: Leads shall withstand a tensile stress
of 3 pounds (1.4 kilograms) applied in any direction for
30 seconds.
17.
Marking: Capacitors shall be marked with Sprague®
or (2); the type number 550D; rated capacitance and
tolerance, rated DC working voltage and the standard
EIA date code.
18.1
Capacitors shall be marked on one end with a plus
sign (+) to identify the positive terminal.
18.2
Sprague® reserves the right to furnish capacitors of
higher working voltages than those ordered, where
the physical size of the higher voltage units is identical
to that of the units ordered.


Similar Part No. - 550D396X0035S2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
550D396X0035S2 VISHAY-550D396X0035S2 Datasheet
148Kb / 9P
   Solid-Electrolyte TANTALEX짰 Capacitors for High Frequency Power Supplies
Revision: 28-Aug-08
More results

Similar Description - 550D396X0035S2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
199D686X9025F6V1 VISHAY-199D686X9025F6V1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors
Revision: 29-Nov-12
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
   Solid-Electrolyte TANTALEX??Capacitors
152D VISHAY-152D Datasheet
153Kb / 11P
   Solid-Electrolyte TANTALEX??Capacitors
550D VISHAY-550D_08 Datasheet
148Kb / 9P
   Solid-Electrolyte TANTALEX짰 Capacitors for High Frequency Power Supplies
Revision: 28-Aug-08
173D VISHAY-173D Datasheet
81Kb / 6P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
Revision 13-Jun-02
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
150D VISHAY-150D Datasheet
72Kb / 9P
   Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed, Axial-Lead
Revision: 16-Jan-08
173D107X9020YWE3 VISHAY-173D107X9020YWE3 Datasheet
114Kb / 10P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded Case
Revision: 05-Apr-12
199D225X9050C1V1E3 VISHAY-199D225X9050C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com