Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXG1109EN Datasheet(PDF) 7 Page - Sony Corporation

Part # CXG1109EN
Description  Receive Dual Low Noise Amplifier/Mixer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1109EN Datasheet(HTML) 7 Page - Sony Corporation

  CXG1109EN Datasheet HTML 1Page - Sony Corporation CXG1109EN Datasheet HTML 2Page - Sony Corporation CXG1109EN Datasheet HTML 3Page - Sony Corporation CXG1109EN Datasheet HTML 4Page - Sony Corporation CXG1109EN Datasheet HTML 5Page - Sony Corporation CXG1109EN Datasheet HTML 6Page - Sony Corporation CXG1109EN Datasheet HTML 7Page - Sony Corporation CXG1109EN Datasheet HTML 8Page - Sony Corporation CXG1109EN Datasheet HTML 9Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
– 7 –
CXG1109EN
Example of Characteristics for Option Resistance R1 Changed (Ta = 25°C)
680
470
390
270
OPEN 1200 820
150
220
680
470
390
270
OPEN 1200 820
150
220
VDD = 3V
IDD3 (MIX) vs. R1
R1 – Option resistance [
Ω]
680
470
390
270
OPEN
2
0
4
6
1
3
5
7
8
1200 820
150
220
GC, NF vs. R1
GC
NF
VDD = 3V
fRF = 885MHz
fLO = 755MHz
PLO = –12.5dBm
R1 – Option resistance [
Ω]
2
4
6
8
12
10
GC, NF vs. R1
GC
NF
R1 – Option resistance [
Ω]
2
6
4
8
10
12
IIP3, PLK vs. R1
VDD = 3V
fRF = 885MHz
fLO = 755MHz
PLO = –12.5dBm
PLK
IIP3
R1 – Option resistance [
Ω]
0
1.5
2.5
0.5
2
3
1
3.5
4
–28
–24
–25
–26
–27
–23
–20
–21
–22
0
1.5
2.5
0.5
2
3
1
3.5
4
–28
–24
–25
–26
–27
–23
–20
–21
–22
IIP3, PLK vs. R1
PLK
IIP3
R1 – Option resistance [
Ω]
680
470
390
270
OPEN 1200 820
150
220
680
470
390
270
OPEN 1200 820
150
220
VDD = 3V
fRF = 810MHz
fLO = 680MHz
PLO = –12.5dBm
VDD = 3V
fRF = 810MHz
fLO = 680MHz
PLO = –12.5dBm


Similar Part No. - CXG1109EN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXG1100TN ETC-CXG1100TN Datasheet
78Kb / 2P
   Wideband Multifunction Reception System GaAs MMIC Completely Covers GPS and CDMA
logo
Sony Corporation
CXG1101TN SONY-CXG1101TN Datasheet
54Kb / 4P
   SP3T Antenna Switch for TDMA800/1900/AMPS800 Triple Mode Application
CXG1104TN SONY-CXG1104TN Datasheet
59Kb / 4P
   High Power SPDT Switch with Logic Control
CXG1106EN SONY-CXG1106EN Datasheet
75Kb / 6P
   High Power 2 횞 4 Antenna Switch MMIC with Integrated Control Logic
CXG1108K SONY-CXG1108K Datasheet
69Kb / 6P
   Power Amplifier Module for JCDMA
More results

Similar Description - CXG1109EN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1082EN SONY-CXG1082EN Datasheet
133Kb / 9P
   Receive Dual Low Noise Amplifier/Mixer
CXG1130AER SONY-CXG1130AER Datasheet
125Kb / 8P
   Triple Low Noise Amplifier/Dual Mixer
logo
RF Micro Devices
RF2492 RFMD-RF2492 Datasheet
483Kb / 22P
   DUAL-BAND LOW NOISE AMPLIFIER/MIXER
logo
Intersil Corporation
HFA3600 INTERSIL-HFA3600 Datasheet
430Kb / 16P
   Low-Noise Amplifier/Mixer
May 1999
logo
RF Micro Devices
RF2411 RFMD-RF2411_06 Datasheet
333Kb / 14P
   LOW NOISE AMPLIFIER/MIXER
RF2411 RFMD-RF2411_1 Datasheet
441Kb / 14P
   LOW NOISE AMPLIFIER/MIXER
RF2411 RFMD-RF2411 Datasheet
260Kb / 14P
   LOW NOISE AMPLIFIER/MIXER
logo
Renesas Technology Corp
HFA3600 RENESAS-HFA3600 Datasheet
861Kb / 16P
   Low-Noise Amplifier/Mixer
August 2002
logo
RF Micro Devices
RF2411 RFMD-RF2411_15 Datasheet
1Mb / 12P
   LOW NOISE AMPLIFIER/MIXER
logo
Intersil Corporation
HFA3600 INTERSIL-HFA3600_02 Datasheet
543Kb / 16P
   Low-Noise Amplifier/Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com