Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28410 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY28410
Description  Clock Generator for Intel Grantsdale Chipset
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28410 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY28410 Datasheet HTML 5Page - Cypress Semiconductor CY28410 Datasheet HTML 6Page - Cypress Semiconductor CY28410 Datasheet HTML 7Page - Cypress Semiconductor CY28410 Datasheet HTML 8Page - Cypress Semiconductor CY28410 Datasheet HTML 9Page - Cypress Semiconductor CY28410 Datasheet HTML 10Page - Cypress Semiconductor CY28410 Datasheet HTML 11Page - Cypress Semiconductor CY28410 Datasheet HTML 12Page - Cypress Semiconductor CY28410 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
CY28410
Document #: 38-07593 Rev. *C
Page 9 of 18
CL ................................................... Crystal load capacitance
CLe .........................................Actual loading seen by crystal
using standard value trim capacitors
Ce .....................................................External trim capacitors
Cs.............................................. Stray capacitance (terraced)
Ci ........................................................... Internal capacitance
(lead frame, bond wires etc.)
PD (Power-down) Clarification
The VTT_PWRGD# /PD pin is a dual function pin. During initial
power-up, the pin functions as VTT_PWRGD#. Once
VTT_PWRGD# has been sampled low by the clock chip, the
pin assumes PD functionality. The PD pin is an asynchronous
active high input used to shut off all clocks cleanly prior to
shutting off power to the device. This signal is synchronized
internal to the device prior to powering down the clock synthe-
sizer. PD is also an asynchronous input for powering up the
system. When PD is asserted high, all clocks are driven to a
low value and held prior to turning off the VCOs and the crystal
oscillator.
PD (Power-down) – Assertion
When PD is sampled high by two consecutive rising edges of
CPUC, all single-ended outputs will be held low on their next
high to low transition and differential clocks must be held high
or Hi-Z (depending on the state of the control register drive
mode bit) on the next diff clock# high to low transition within 4
clock periods. When the SMBus PD drive mode bit corre-
sponding to the differential (CPU, SRC, and DOT) clock output
of interest is programmed to ‘0’, the clock output must be held
with “Diff clock” pin driven high at 2 x Iref, and “Diff clock#”
tristate. If the control register PD drive mode bit corresponding
to the output of interest is programmed to “1”, then both the
“Diff clock” and the “Diff clock#” are Hi-Z. Note the example
below shows CPUT = 133 MHz and PD drive mode = ‘1’ for all
differential outputs. This diagram and description is applicable
to valid CPU frequencies 100,133,166,200,266,333, and 400
MHz. In the event that PD mode is desired as the initial
power-on state, PD must be asserted high in less than 10 uS
after asserting VTT_PWRGD#.
PD Deassertion
The power-up latency is less than 1.8 ms. This is the time from
the deassertion of the PD pin or the ramping of the power
supply until the time that stable clocks are output from the
clock chip. All differential outputs stopped in a three-state
condition resulting from power-down must be driven high in
less than 300
µs of PD deassertion to a voltage greater than
200 mV. After the clock chip’s internal PLL is powered up and
locked, all outputs are enabled within a few clock cycles of
each other. Below is an example showing the relationship of
clocks coming up.
Figure 3. Power-down Assertion Timing Waveform
PD
USB, 48MHz
DOT96T
DOT96C
SRCT 100MHz
SRCC 100MHz
CPUT, 133MHz
PCI, 33 MHz
REF
CPUC, 133MHz


Similar Part No. - CY28410

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
logo
Silicon Laboratories
CY28410 SILABS-CY28410 Datasheet
180Kb / 17P
   Clock Generator for Intel짰Grantsdale Chipset
logo
SpectraLinear Inc
CY28410-2 SPECTRALINEAR-CY28410-2 Datasheet
219Kb / 16P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28410-2 CYPRESS-CY28410-2 Datasheet
280Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
logo
Silicon Laboratories
CY284108 SILABS-CY284108 Datasheet
167Kb / 16P
   Clock Generator for Intel짰Blackford and Bayshore Chipsets
More results

Similar Description - CY28410

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28410-2 SPECTRALINEAR-CY28410-2 Datasheet
219Kb / 16P
   Clock Generator for Intel Grantsdale Chipset
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28439 CYPRESS-CY28439 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28410-2 CYPRESS-CY28410-2 Datasheet
280Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 CYPRESS-CY28435 Datasheet
306Kb / 23P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 CYPRESS-CY28439-2 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com