Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28410ZC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY28410ZC
Description  Clock Generator for Intel Grantsdale Chipset
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28410ZC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY28410ZC Datasheet HTML 7Page - Cypress Semiconductor CY28410ZC Datasheet HTML 8Page - Cypress Semiconductor CY28410ZC Datasheet HTML 9Page - Cypress Semiconductor CY28410ZC Datasheet HTML 10Page - Cypress Semiconductor CY28410ZC Datasheet HTML 11Page - Cypress Semiconductor CY28410ZC Datasheet HTML 12Page - Cypress Semiconductor CY28410ZC Datasheet HTML 13Page - Cypress Semiconductor CY28410ZC Datasheet HTML 14Page - Cypress Semiconductor CY28410ZC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
CY28410
Document #: 38-07593 Rev. *C
Page 11 of 18
Absolute Maximum Conditions
Parameter
Description
Condition
Min.
Max.
Unit
VDD
Core Supply Voltage
–0.5
4.6
V
VDD_A
Analog Supply Voltage
–0.5
4.6
V
VIN
Input Voltage
Relative to VSS
–0.5
VDD + 0.5 VDC
TS
Temperature, Storage
Non-functional
–65
150
°C
TA
Temperature, Operating Ambient
Functional
0
70
°C
TJ
Temperature, Junction
Functional
150
°C
ØJC
Dissipation, Junction to Case
(Mil-Spec 883E Method 1012.1)
SSOP
39.56
°C/W
TSSOP
20.62
ØJA
Dissipation, Junction to Ambient
JEDEC (JESD 51)
SSOP
45.29
°C/W
TSSOP
62.26
ESDHBM
ESD Protection (Human Body Model)
MIL-STD-883, Method 3015
2000
V
UL-94
Flammability Rating
At 1/8 in.
V–0
MSL
Moisture Sensitivity Level
1
Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing
is NOT required.
DC Electrical Specifications
Parameter
Description
Condition
Min.
Max.
Unit
VDD_A,
VDD_REF,
VDD_PCI,
VDD_3V66,
VDD_48,
VDD_CPU
3.3V Operating Voltage
3.3 ± 5%
3.135
3.465
V
VILI2C
Input Low Voltage
SDATA, SCLK
1.0
V
VIHI2C
Input High Voltage
SDATA, SCLK
2.2
V
VIL_FS
FS_A/FS_B Input Low Voltage
VSS – 0.3
0.35
V
VIH_FS
FS_A/FS_B Input High Voltage
0.7
VDD + 0.5
V
VILFS_C
FS_C Low Range
0
0.35
V
VIMFS_C
FS_C Mid Range
0.7
1.7
V
VIH FS_C
FS_C High Range
2.1
VDD
V
VIL
Input Low Voltage
VSS – 0.5
0.8
V
VIH
Input High Voltage
2.0
VDD + 0.5
V
IIL
Input Low Leakage Current
except internal pull-up resistors, 0 < VIN < VDD
–5
µA
IIH
Input High Leakage Current
except internal pull-down resistors, 0 < VIN < VDD
5
µA
VOL
Output Low Voltage
IOL = 1 mA
0.4
V
VOH
Output High Voltage
IOH = –1 mA
2.4
V
IOZ
High-impedance Output Current
–10
10
µA
CIN
Input Pin Capacitance
2
5
pF
COUT
Output Pin Capacitance
3
6
pF
LIN
Pin Inductance
–7
nH
VXIH
Xin High Voltage
0.7VDD
VDD
V
VXIL
Xin Low Voltage
00.3VDD
V
IDD3.3V
Dynamic Supply Current
At max load and freq per Figure 8
550
mA
IPD3.3V
Power-down Supply Current
PD asserted, Outputs driven
70
mA
IPD3.3V
Power-down Supply Current
PD asserted, Outputs Hi-Z
2
mA


Similar Part No. - CY28410ZC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28410ZC SPECTRALINEAR-CY28410ZC Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
logo
Silicon Laboratories
CY28410ZC SILABS-CY28410ZC Datasheet
180Kb / 17P
   Clock Generator for Intel짰Grantsdale Chipset
logo
SpectraLinear Inc
CY28410ZCT SPECTRALINEAR-CY28410ZCT Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
logo
Silicon Laboratories
CY28410ZCT SILABS-CY28410ZCT Datasheet
180Kb / 17P
   Clock Generator for Intel짰Grantsdale Chipset
More results

Similar Description - CY28410ZC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28410-2 SPECTRALINEAR-CY28410-2 Datasheet
219Kb / 16P
   Clock Generator for Intel Grantsdale Chipset
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28439 CYPRESS-CY28439 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28410-2 CYPRESS-CY28410-2 Datasheet
280Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 CYPRESS-CY28435 Datasheet
306Kb / 23P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 CYPRESS-CY28439-2 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com