Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

550D565X9050R2 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 550D565X9050R2
Description  Solid-Electrolyte TANTALEX Capacitors for High Frequency Power Supplies
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

550D565X9050R2 Datasheet(HTML) 6 Page - Vishay Siliconix

  550D565X9050R2 Datasheet HTML 1Page - Vishay Siliconix 550D565X9050R2 Datasheet HTML 2Page - Vishay Siliconix 550D565X9050R2 Datasheet HTML 3Page - Vishay Siliconix 550D565X9050R2 Datasheet HTML 4Page - Vishay Siliconix 550D565X9050R2 Datasheet HTML 5Page - Vishay Siliconix 550D565X9050R2 Datasheet HTML 6Page - Vishay Siliconix 550D565X9050R2 Datasheet HTML 7Page - Vishay Siliconix 550D565X9050R2 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
29
550D
Vishay Sprague
Document Number: 40017
Revision 11-Nov-04
For technical questions, contact tantalum@vishay.com
9.
Shelf Test: Capacitors shall withstand a shelf test
for 5000 hours at a temperature of + 85°C, with no
voltage applied.
9.1
Following the shelf test, the leakage current shall meet
the initial requirement; the dissipation factor shall not
exceed 150% of the initial requirement; the
capacitance change shall not exceed ± 5%.
10.
Vibration Tests: Capacitors shall be subjected to
vibration tests in accordance with the following
criteria.
10.1
Capacitors shall be secured for test by means of a rigid
mounting using suitable brackets.
10.2
Low Frequency Vibration: Vibration shall consist of
a simple harmonic motion having an amplitude of 0.03"
[0.76] and a maximum total excursion of 0.06" [1.52], in
a direction perpendicular to the major axis of the
capacitor.
10.2.1 Vibration frequency shall be varied uniformly between
the approximate limits of 10Hz to 55Hz during a period
of approximately one minute, continuously for one and
one-half hours.
10.2.2 A cathode ray oscilloscope or other comparable
means shall be used in determining electrical
intermittency during the final 30 minutes of the test.
The AC voltage applied shall not exceed 2 volts rms.
10.2.3 Electrical tests shall show no evidence of intermittent
contacts, open circuits or short circuits during these
tests.
10.2.4 Following the low frequency vibration test, capacitors
shall meet the original requirements for leakage
current and dissipation factor; capacitance change
shall not exceed ± 5% of the original measured value.
10.3
High Frequency Vibration: Vibration shall consist of
a simple harmonic motion having an amplitude of 0.06"
[1.52] ± 10% maximum total excursion or 20 g peak,
whichever is less.
10.3.1 Vibration Frequency shall be varied logarithmically
from 50Hz to 2000Hz and return to 50Hz during a
cycle period of 20 minutes.
10.3.2 The vibration shall be applied for 4 hours in each of 2
directions, parallel and perpendicular to the major axis
of the capacitors.
10.3.3 Rated DC voltage shall be applied during the
vibration cycling.
10.3.4 A cathode ray oscilloscope or other comparable
means shall be used in determining electrical
intermittency during test. The AC voltage applied
shall not exceed 2 volts rms.
10.3.5 Electrical tests shall show no evidence of intermittent
contacts, open circuits or short circuits during these
tests.
10.3.6 There shall be no mechanical damage to these
capacitors as a result of these tests.
10.3.7 Following the high frequency vibration test, capacitors
shall meet the original limits for capacitance, dissipation
factor and leakage current.
11.
Acceleration Test:
11.1
Capacitors shall be rigidly mounted by means of
suitable brackets.
11.2
Capacitors shall be subjected to a constant acceleration
of 100g for a period of 10 seconds in each of 2 mutually
perpendicular planes.
11.2.1 The direction of motion shall be parallel to and
perpendicular to the cylindrical axis of the capacitors.
11.3
Rated DC voltage shall be applied during acceleration
test.
11.3.1 A cathode ray oscilloscope or other comparable means
shall be used in determining electrical intermittency
during test. The AC voltage applied shall not exceed 2
volts rms.
11.4
Electrical tests shall show no evidence of intermittent
contacts, open circuits or short circuits during these
tests.
11.5
There shall be no mechanical damage to these
capacitors as a result of these tests.
11.6
Following the acceleration test, capacitors shall meet
the original limits for capacitance, dissipation factor and
leakage current.
10.
Shock Test:
12.1
Capacitors shall be rigidly mounted by means of
suitable brackets. The test load shall be distributed
uniformly on the test platform to minimize the effects of
unbalanced loads.
12.1.1 Test equipment shall be adjusted to produce a shock of
100g peak with a duration of 6 mS and a sawtooth
waveform at a velocity change of 9.7 feet/second.
12.2
Capacitors shall be subjected to 3 shocks applied in
each of 3 directions corresponding to the 3
mutually perpendicular axes of the capacitors.
12.3
Rated DC voltage shall be applied to capacitors during
test.
12.3.1 A cathode ray oscilloscope or other comparable means
shall be used in determining electrical intermittency
during test. The AC voltage applied shall not exceed 2
volts rms.
12.4
Electrical tests shall show no evidence of intermittent
contacts, open circuits or short circuits during these
tests.
12.5
There shall be no mechanical damage to these
capacitors as a result of these tests.
12.6
Following the shock test, capacitors shall meet the
original limits for capacitance, dissipation factor and
leakage current.


Similar Part No. - 550D565X9050R2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
550D565X9050R2 VISHAY-550D565X9050R2 Datasheet
148Kb / 9P
   Solid-Electrolyte TANTALEX짰 Capacitors for High Frequency Power Supplies
Revision: 28-Aug-08
More results

Similar Description - 550D565X9050R2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
199D686X9025F6V1 VISHAY-199D686X9025F6V1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors
Revision: 29-Nov-12
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
   Solid-Electrolyte TANTALEX??Capacitors
152D VISHAY-152D Datasheet
153Kb / 11P
   Solid-Electrolyte TANTALEX??Capacitors
550D VISHAY-550D_08 Datasheet
148Kb / 9P
   Solid-Electrolyte TANTALEX짰 Capacitors for High Frequency Power Supplies
Revision: 28-Aug-08
173D VISHAY-173D Datasheet
81Kb / 6P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
Revision 13-Jun-02
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
150D VISHAY-150D Datasheet
72Kb / 9P
   Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed, Axial-Lead
Revision: 16-Jan-08
173D107X9020YWE3 VISHAY-173D107X9020YWE3 Datasheet
114Kb / 10P
   Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded Case
Revision: 05-Apr-12
199D225X9050C1V1E3 VISHAY-199D225X9050C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com