Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDA012M4 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # RDA012M4
Description  12 Bit 1.3 GS/s 4:1 MUXDAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RDA012M4 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button RDA012M4 Datasheet HTML 4Page - List of Unclassifed Manufacturers RDA012M4 Datasheet HTML 5Page - List of Unclassifed Manufacturers RDA012M4 Datasheet HTML 6Page - List of Unclassifed Manufacturers RDA012M4 Datasheet HTML 7Page - List of Unclassifed Manufacturers RDA012M4 Datasheet HTML 8Page - List of Unclassifed Manufacturers RDA012M4 Datasheet HTML 9Page - List of Unclassifed Manufacturers RDA012M4 Datasheet HTML 10Page - List of Unclassifed Manufacturers RDA012M4 Datasheet HTML 11Page - List of Unclassifed Manufacturers RDA012M4 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
RDA012M4 DATASHEET
DS_0012PB1-2805
Rockwell Scientific reserves the right to make changes to its product specifications at any time without notice.
The information furnished herein is believed to be accurate; however, no responsibility is assumed for its use.
Page 11 of 12
Package Information
The package is a 77 pin HSD with a heat sink slug on
the package’s bottom. The leads are gull-winged
formed and trimmed to 0.053 inch (1.35 mm) in
lenght.
Figure 9 - RDA012M4-HD package, dimensions shown in inches (mm).


Similar Part No. - RDA012M4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RDA012M4MS ETC-RDA012M4MS Datasheet
427Kb / 13P
   12 Bit 1.3 GS/s Master-Slave 4:1 MUXDAC
RDA012M4MS-DI ETC-RDA012M4MS-DI Datasheet
427Kb / 13P
   12 Bit 1.3 GS/s Master-Slave 4:1 MUXDAC
RDA012M4MS-HD ETC-RDA012M4MS-HD Datasheet
427Kb / 13P
   12 Bit 1.3 GS/s Master-Slave 4:1 MUXDAC
More results

Similar Description - RDA012M4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RDA012M4MS ETC-RDA012M4MS Datasheet
427Kb / 13P
   12 Bit 1.3 GS/s Master-Slave 4:1 MUXDAC
logo
Analog Devices
ADV7614 AD-ADV7614 Datasheet
91Kb / 2P
   12-Bit Deep Color Quad HDMI 1.3 Receiver
Rev. Sp0
logo
Hittite Microwave Corpo...
HMC760LC4B HITTITE-HMC760LC4B Datasheet
1Mb / 14P
   WIDEBAND 4 GS/s TRACK-AND-HOLD AMPLIFIER
logo
Panasonic Semiconductor
EVEGC1F2524M PANASONIC-EVEGC1F2524M Datasheet
117Kb / 4P
   12 mm Square GS Encoders
logo
National Instruments Co...
NI6120 NI-NI6120 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
778397-01 NI-778397-01 Datasheet
582Kb / 8P
   S Series Multifunction DAQ 12 or 16-Bit,1 to 10 MS/s, 4 Analog Inputs
logo
Hittite Microwave Corpo...
HMC661LC4B HITTITE-HMC661LC4B Datasheet
1Mb / 14P
   ULTRA-WIDEBAND 4 GS/s TRACK-AND-HOLD AMPLIFIER
logo
List of Unclassifed Man...
DAQ-2500 ETC2-DAQ-2500 Datasheet
337Kb / 2P
   4/8-CH 12-Bit 1 MS/s Analog Output Multi-Function DAQ Cards
logo
Adlink Technology Inc.
PXI-2502 ADLINK-PXI-2502 Datasheet
188Kb / 1P
   4/8-CH 12-Bit 1 MS/s Analog Output Multi-Function DAQ Cards
logo
Advantech Co., Ltd.
PCI-1712 ADVANTECH-PCI-1712 Datasheet
659Kb / 2P
   1 MS/s, 12-bit, 16-ch PCI Multifunction Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com