Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F368GA Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB91F368GA
Description  32-BIT MICROCONTROLLER
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91F368GA Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB91F368GA Datasheet HTML 4Page - Fujitsu Component Limited. MB91F368GA Datasheet HTML 5Page - Fujitsu Component Limited. MB91F368GA Datasheet HTML 6Page - Fujitsu Component Limited. MB91F368GA Datasheet HTML 7Page - Fujitsu Component Limited. MB91F368GA Datasheet HTML 8Page - Fujitsu Component Limited. MB91F368GA Datasheet HTML 9Page - Fujitsu Component Limited. MB91F368GA Datasheet HTML 10Page - Fujitsu Component Limited. MB91F368GA Datasheet HTML 11Page - Fujitsu Component Limited. MB91F368GA Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
FME / EMDC / Br+JR - mb91f367g_f368g_ds.fm
8
10-Apr-01
1.3
Core Functionality
Function
Feature
Remarks
FR50 Core
32-bit Fujitsu RISC Core
FR30 software compatible
Clock module
(clock control, clock
divider, PLLs)
Setting of frequencies for CPU and
peripherals (see MB91FV360GA)
Low power consumption modes:
RTC mode: only the Real Time Clock
and the selected oscillator are active
(= STOP mode and bit 0 of STCR is set
to 0)
STOP mode: all internal circuits and the
oscillation circuits are halted
Watchdog
adjustable watchdog timer interval
(between 220 and 226 system clock
cycles)
I-RAM 4 kB
I-RAM
see remark below table
D-bus RAM
16 kB
RAM for user data
see remark below table
F-bus RAM
16 kB
RAM for data and code
see remark below table
Flash Memory
512 kB
sector architecture:
sector 0: 64 kB | sector 7: 64 kB
sector 1: 64 kB | sector 8: 64 kB
sector 2: 64 kB | sector 9: 64 kB
sector 3: 32 kB | sector 10: 32 kB
sector 4: 8 kB | sector 11: 8 kB
sector 5: 8 kB | sector 12: 8 kB
sector 6: 16 kB | sector 13: 16 kB
|
|
V
V
16 bit
16 bit
write access is 16 bit wide, read access
can be 16 or 32 bit wide
connected to F-Bus
Minimum 10000 program/erase
cycles
Minimum 10 years data retention
Net read cycle time to the memory
is 40nS. For overall access time see
settings in Chapter 2.1
Boot ROM
2 kB
DMA
5 channels
up to 16 DMA sources can be used
transfer modes:
single/block, burst, continuous


Similar Part No. - MB91F368GA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91F368GB FUJITSU-MB91F368GB Datasheet
2Mb / 239P
   32-bit RISC Microcontroller
MB91F368GBPMT FUJITSU-MB91F368GBPMT Datasheet
2Mb / 239P
   32-bit RISC Microcontroller
More results

Similar Description - MB91F368GA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com