Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP9700 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP9700
Description  Low-Power Voltage Output Temperature Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9700 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP9700 Datasheet HTML 2Page - Microchip Technology MCP9700 Datasheet HTML 3Page - Microchip Technology MCP9700 Datasheet HTML 4Page - Microchip Technology MCP9700 Datasheet HTML 5Page - Microchip Technology MCP9700 Datasheet HTML 6Page - Microchip Technology MCP9700 Datasheet HTML 7Page - Microchip Technology MCP9700 Datasheet HTML 8Page - Microchip Technology MCP9700 Datasheet HTML 9Page - Microchip Technology MCP9700 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MCP9700/01
DS21942A-page 6
© 2005 Microchip Technology Inc.
Note: Unless otherwise indicated, MCP9700: VDD = 2.3V to 5.5V; MCP9701: VDD = 3.1V to 5.5V; GND = Ground,
Cbypass = 0.1 µF.
FIGURE 2-13:
Power Supply Rejection
(PSR) vs. Ambient Temperature.
FIGURE 2-14:
Power Supply Rejection
(PSR) vs. Frequency.
FIGURE 2-15:
Output Voltage vs. Power
Supply.
FIGURE 2-16:
Output Voltage vs. Ambient
Temperature.
FIGURE 2-17:
Output vs. Time.
FIGURE 2-18:
Output vs. Time
0.00
0.05
0.10
0.15
0.20
0.25
0.30
-50
-25
0
25
50
75
100
125
T
A (°C)
MCP9700
VDD= 2.3V to 5.5V
MCP9700
VDD= 2.3V to 4.0V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
-50
-25
0
25
50
75
100
125
TA (°C)
MCP9701
VDD= 3.1V to 5.5V
MCP9701
VDD= 3.1V to 4.0V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
VDD (V)
TA = 26°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
25
50
75
100
125
TA (°C)
MCP9700
MCP9701
0
2
4
6
8
10
12
Time (ms)
-2.5
-1.7
-0.8
0.0
0.8
1.7
2.5
VDD_STEP = 5V
TA = 26°C
IDD
VOUT
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
Time (ms)
-42.0
-30.0
-18.0
-6.0
6.0
18.0
30.0
IDD
VOUT
VDD_RAMP = 5V/ms
TA = 26°C


Similar Part No. - MCP9700

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9700 MICROCHIP-MCP9700 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP9700 MICROCHIP-MCP9700 Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
MCP9700 MICROCHIP-MCP9700 Datasheet
252Kb / 18P
   Low-Power Linear Active Thermistor ICs
08/24/05
MCP9700 MICROCHIP-MCP9700 Datasheet
735Kb / 26P
   Low-Power Linear Active Thermistor ICs
Revision J November 2022
MCP9700 MICROCHIP-MCP9700 Datasheet
625Kb / 22P
   Low-Power Linear Active Thermistor ICs
Revision G June 2016
More results

Similar Description - MCP9700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATS45C ETC2-ATS45C Datasheet
242Kb / 8P
   LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
ATS20 ETC2-ATS20 Datasheet
279Kb / 10P
   LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR
ATS51 ETC2-ATS51 Datasheet
298Kb / 9P
   LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
logo
Analog Devices
AD22100KTZ AD-AD22100KTZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100 AD-AD22100 Datasheet
230Kb / 6P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. B
AD22100 AD-AD22100_04 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100STZ AD-AD22100STZ Datasheet
216Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ATZ AD-AD22100ATZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com