Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGF0952P Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # MGF0952P
Description  L & S BAND GaAs FET [ Plastic Mold Lead-less PKG ]
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGF0952P Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  MGF0952P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGF0952P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGF0952P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MGF0952P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MGF0952P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MGF0952P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MGF0952P Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MGF0952P Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MGF0952P Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
MGF0952P TYPICAL CHARACTERISTICS
(3/50)
Mitsubishi Electric
Mar./2005
IM3, IM5 vs. Po
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
20
25
30
35
Po(Total) (dBm)
VD=10V
Idq=0.7A
f1=2.15GHz
f2=2.16GHz


Similar Part No. - MGF0952P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF0952P MITSUBISHI-MGF0952P Datasheet
300Kb / 6P
   High-power GaAs FET (small signal gain stage)
MGF0952P MITSUBISHI-MGF0952P_11 Datasheet
300Kb / 6P
   High-power GaAs FET (small signal gain stage)
More results

Similar Description - MGF0952P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF0951P MITSUBISHI-MGF0951P Datasheet
1Mb / 42P
   L & S BAND GaAs FET Plastic Mold Lead-less PKG
MGF0953P MITSUBISHI-MGF0953P Datasheet
217Kb / 4P
   L & S BAND GaAs FET
MGF0912A MITSUBISHI-MGF0912A Datasheet
28Kb / 3P
   L & S BAND GaAs FET
MGF0915A MITSUBISHI-MGF0915A_03 Datasheet
46Kb / 3P
   L & S BAND GaAs FET
MGF0918A MITSUBISHI-MGF0918A_04 Datasheet
47Kb / 4P
   L & S BAND GaAs FET
MGF0921A MITSUBISHI-MGF0921A Datasheet
434Kb / 24P
   L & S BAND GaAs FET
MGF0904A MITSUBISHI-MGF0904A_1 Datasheet
372Kb / 4P
   L,S BAND POWER GaAs FET
MGF0907B MITSUBISHI-MGF0907B_1 Datasheet
455Kb / 4P
   L,S BAND POWER GaAs FET?
MGF0910A MITSUBISHI-MGF0910A_1 Datasheet
207Kb / 4P
   L, S BAND POWER GaAs FET
MGF0911A MITSUBISHI-MGF0911A_1 Datasheet
36Kb / 4P
   L, S BAND POWER GaAs FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com