Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL260 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IL260
Description  High Speed Five Channel Digital Coupler
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL260 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IL260 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL260 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL260 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL260 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL260 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL260 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL260 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Recommended Operating Conditions
Parameters
Symbol
Min.
Max.
Units
Ambient Operating Temperature
TA
-40
85
o
C
Supply Voltage (5.0 V operation)
VDD1,VDD2
4.5
5.5
Volts
Logic High Input Voltage
VIH
2.4
VDD
Volts
Logic Low Input Voltage
VIL
0
0.8
Volts
Minimum Signal Rise and Fall Times
tIR,tIF
1
µsec
Absolute Maximum Ratings
Parameters
Symbol
Min.
Max.
Units
Storage Temperature
TS
-55
175
o
C
Ambient Operating Temperature(1)
TA
-55
125
o
C
Supply Voltage
VDD1,VDD2
-0.5
7
Volts
Input Voltage
VI
-0.5
VDD+0.5
Volts
Output Voltage
VO
-0.5
VDD+0.5
Volts
Output Current Drive Channel
IO
10
mA
Lead Solder Temperature (10s)
280
o
C
ESD
2kV Human Body Model
Insulation Specifications
Parameter
Symbol
Min
Typ.
Max.
Units
Test Condition
Barrier Impedance
>1014 ||7
Ω || pF
Creepage Distance (External)
8.077 (0.3'' SOIC)
mm
4.026 (0.15'' SOIC)
Leakage Current
0.2
µA
240 VRMS
Model
Pollution
Material
Max Working
Package Type
Degree
Group
Voltage
16–SOIC (0.3'') 16–SOIC (0.15'')
IL260, IL261
II
III
300 VRMS
IL260-3, IL261-3
II
III
150 VRMS
IEC61010-1*
TUV Certificate Numbers: Pending
Classification as Table 1.
UL 1577*
Component Recognition program. File # Pending
Rated 2500Vrms for 1min.
* UL & IEC approval is pending for the these parts.
2
RHOPOINT COMPONENTS
Hurst Green, Oxted, Surrey RH8 9AX UK
Telephone: +44 (0) 870 608 1188
Fax: +44 (0) 870 241 2255
Internet: www.rhopointcomponents.com
IL26XISOLOOP®
Package Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Capacitance (Input-Output)(5)
CI-O
4.0
pF
f= 1MHz
Thermal Resistance
θJCT
o
C/W
Thermocouple located at
0.15'' 16-Pin SOIC
40
center underside of package
0.30'' 16-Pin SOIC
28
Package Power Dissipation
PPD
65
mW
f= 1MHz ,VDD=5V
Preliminary


Similar Part No. - IL260

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL260 ETC-IL260 Datasheet
514Kb / 10P
   High Speed Five Channel Digital Couplers
IL260-3 ETC-IL260-3 Datasheet
514Kb / 10P
   High Speed Five Channel Digital Couplers
IL260-3B ETC-IL260-3B Datasheet
514Kb / 10P
   High Speed Five Channel Digital Couplers
IL260-3BE ETC-IL260-3BE Datasheet
514Kb / 10P
   High Speed Five Channel Digital Couplers
IL260-3BETR13 ETC-IL260-3BETR13 Datasheet
514Kb / 10P
   High Speed Five Channel Digital Couplers
More results

Similar Description - IL260

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL260 ETC-IL260 Datasheet
514Kb / 10P
   High Speed Five Channel Digital Couplers
logo
API Technologies Corp
DDF5311 APITECH-DDF5311 Datasheet
1Mb / 1P
   FIVE & SIX CHANNEL HIGH SPEED DRIVERS
DDF6311 APITECH-DDF6311 Datasheet
1Mb / 1P
   FIVE & SIX CHANNEL HIGH SPEED DRIVERS
logo
List of Unclassifed Man...
IL7710 ETC-IL7710 Datasheet
496Kb / 8P
   Low Power High Speed Digital Coupler
logo
Silicon Laboratories
SI844X SILABS-SI844X Datasheet
1Mb / 32P
   FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
SI8650 SILABS-SI8650 Datasheet
759Kb / 44P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
logo
Skyworks Solutions Inc.
SI8650 SKYWORKS-SI8650 Datasheet
1Mb / 42P
   Low Power Five-Channel Digital Isolator
December 3, 2021
SI844X SKYWORKS-SI844X Datasheet
991Kb / 31P
   FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
Revision 0.1 to Revision 1.0
logo
List of Unclassifed Man...
SI8450 ETC2-SI8450 Datasheet
462Kb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
SI8450 SILABS-SI8450 Datasheet
1Mb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com