Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRPLDIM2A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IRPLDIM2A
Description  Digitally Addressable DALI Dimming Ballast Reference Design
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IRPLDIM2A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button IRPLDIM2A Datasheet HTML 3Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 4Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 5Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 6Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 7Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 8Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 9Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 10Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
www.irf.com
7
IRPLDIM2a
Upon entry into the program after setup the microcontroller is held in a loop. While in this loop the microcontroller
is checking for errors, plus it is polling the communications circuitry for incoming data. If valid data is received, it
is filtered to determine if the address matches the defined address for the ballast, if the group matches the defined
group memberships, or if the data is a broadcast command. Also, the type of command is filtered into two basic
choices, standard or special. Once filtered, the program immediately vectors to the appropriate command and
executes. All of the commands are divided into four general categories including arc power control commands,
configuration commands, query commands, and special commands. Within each category the commands are
divided again according to related functions.
The arc power control commands are the most
commonly used in a functioning lighting system.
Within any of these commands appropriate sig-
nals are sent to the ballast controller to adjust
light level via pulse width modulation. This in-
cludes scene level selections. Also many of the
commands in this group select the shutdown bit,
depending on the definition of the command.
Configuration commands are used to setup the
ballast. Examples of such settings include set-
ting minimum and maximum lighting thresholds,
fade times and rates, groups, and scene levels.
Generally data is stored in an EEPROM storage
area where it is maintained regardless of the
power conditions.
Query commands are used to get feedback from
the ballast. All of the settings can be queried.
Even more useful, the status of the ballast is avail-
able. Information about fading, the lamp, general
faults, and power is available through the appro-
priate query command.
Special commands are unique. These com-
mands are immune to addresses; thus all bal-
lasts on the
Digitally Addressable Lighting Interface respond
to a special command. All the functions for find-
ing new ballasts or ballasts that have no ad-
dresses are available. Uploading information to
the ballast, typically settings, is also available in
the special command set.
Fig. 6 Program Flow


Similar Part No. - IRPLDIM2A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLDIM2E IRF-IRPLDIM2E Datasheet
242Kb / 13P
   Digital Dimming DALI Ballast for 36W/T8 220V input
IRPLDIM2U IRF-IRPLDIM2U Datasheet
234Kb / 13P
   Digital Dimming DALI Ballast for 32W/T8 110V input
More results

Similar Description - IRPLDIM2A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN1465 MICROCHIP-AN1465 Datasheet
788Kb / 14P
   Digitally Addressable Lighting Interface (DALI) Communication
11/29/11
logo
International Rectifier
IRPLDIM1U IRF-IRPLDIM1U Datasheet
209Kb / 12P
   Dimming Ballast Control IC Design Kit
logo
Fairchild Semiconductor
ABR-42022 FAIRCHILD-ABR-42022 Datasheet
68Kb / 4P
   ML4833 220V Non-Dimming Ballast Design
logo
International Rectifier
IRPLDIM1E IRF-IRPLDIM1E Datasheet
270Kb / 14P
   Dimming Ballast Control IC Design Kit
logo
IXYS Corporation
IRPLLNR1 IXYS-IRPLLNR1 Datasheet
790Kb / 15P
   POWIRLIGHT REFERENCE DESIGN : LINEAR BALLAST
logo
International Rectifier
IRPLCFL1 IRF-IRPLCFL1 Datasheet
119Kb / 6P
   POWIRLIGHTTM REFERENCE DESIGN : COMPACT BALLAST
IRPLDIM2U IRF-IRPLDIM2U Datasheet
234Kb / 13P
   Digital Dimming DALI Ballast for 32W/T8 110V input
IRPLDIM2E IRF-IRPLDIM2E Datasheet
242Kb / 13P
   Digital Dimming DALI Ballast for 36W/T8 220V input
IR21592 IRF-IR21592_08 Datasheet
270Kb / 14P
   IR21592 Dimming Ballast Control IC Design Kit
logo
Princeton Technology Co...
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
   Dimming Ballast Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com