Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRPLDIM2A Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # IRPLDIM2A
Description  Digitally Addressable DALI Dimming Ballast Reference Design
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IRPLDIM2A Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button IRPLDIM2A Datasheet HTML 5Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 6Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 7Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 8Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 9Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 10Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 11Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 12Page - List of Unclassifed Manufacturers IRPLDIM2A Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
www.irf.com
9
IRPLDIM2a
Receive signal
RB1
RB0
Communications-enable
Receive-drive signal
Fig. 8 Dali and Micro-Conttoller signals
Shutdown and Low Power
With shutdown there are some unique power conditions. With the shutdown line low and the lamp ignited, the
PIC16F628 derives its power from the charge pump of the IR21592. The charge pump provides enough current
Fig. 9 Communications signal with the lamp off
Receive signal
RB1
RB0
Communications-enable
Receive-drive signal
SD pin IR21592
LO pin IR21592
for the microcontroller to run at its internal frequency of
4MHz during normal operation. When the shutdown
line is asserted the IR21592 is disabled, and the charge
pump is no longer functioning. Current is drawn directly
from the high voltage DC line through a high value re-
sistor. The micro controller is put to sleep during this
time to minimize current draw and power dissipation.
To receive data, which requires significant current, the
PIC16F628 wakes up and starts the charge pump of
the IR21592 long enough to process the command, typi-
cally less than 25ms, but not long enough to ignite the
lamp (see waveforms in Figure 9). Doing this unique
management minimizes power dissipation during shut-
down.


Similar Part No. - IRPLDIM2A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLDIM2E IRF-IRPLDIM2E Datasheet
242Kb / 13P
   Digital Dimming DALI Ballast for 36W/T8 220V input
IRPLDIM2U IRF-IRPLDIM2U Datasheet
234Kb / 13P
   Digital Dimming DALI Ballast for 32W/T8 110V input
More results

Similar Description - IRPLDIM2A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN1465 MICROCHIP-AN1465 Datasheet
788Kb / 14P
   Digitally Addressable Lighting Interface (DALI) Communication
11/29/11
logo
International Rectifier
IRPLDIM1U IRF-IRPLDIM1U Datasheet
209Kb / 12P
   Dimming Ballast Control IC Design Kit
logo
Fairchild Semiconductor
ABR-42022 FAIRCHILD-ABR-42022 Datasheet
68Kb / 4P
   ML4833 220V Non-Dimming Ballast Design
logo
International Rectifier
IRPLDIM1E IRF-IRPLDIM1E Datasheet
270Kb / 14P
   Dimming Ballast Control IC Design Kit
logo
IXYS Corporation
IRPLLNR1 IXYS-IRPLLNR1 Datasheet
790Kb / 15P
   POWIRLIGHT REFERENCE DESIGN : LINEAR BALLAST
logo
International Rectifier
IRPLCFL1 IRF-IRPLCFL1 Datasheet
119Kb / 6P
   POWIRLIGHTTM REFERENCE DESIGN : COMPACT BALLAST
IRPLDIM2U IRF-IRPLDIM2U Datasheet
234Kb / 13P
   Digital Dimming DALI Ballast for 32W/T8 110V input
IRPLDIM2E IRF-IRPLDIM2E Datasheet
242Kb / 13P
   Digital Dimming DALI Ballast for 36W/T8 220V input
IR21592 IRF-IR21592_08 Datasheet
270Kb / 14P
   IR21592 Dimming Ballast Control IC Design Kit
logo
Princeton Technology Co...
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
   Dimming Ballast Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com