Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL129JA0BFI9B0 Datasheet(PDF) 8 Page - SPANSION

Part # S71PL129JA0BFI9B0
Description  Stacked Multi-Chip Product (MCP) Flash Memory
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129JA0BFI9B0 Datasheet(HTML) 8 Page - SPANSION

Back Button S71PL129JA0BFI9B0 Datasheet HTML 4Page - SPANSION S71PL129JA0BFI9B0 Datasheet HTML 5Page - SPANSION S71PL129JA0BFI9B0 Datasheet HTML 6Page - SPANSION S71PL129JA0BFI9B0 Datasheet HTML 7Page - SPANSION S71PL129JA0BFI9B0 Datasheet HTML 8Page - SPANSION S71PL129JA0BFI9B0 Datasheet HTML 9Page - SPANSION S71PL129JA0BFI9B0 Datasheet HTML 10Page - SPANSION S71PL129JA0BFI9B0 Datasheet HTML 11Page - SPANSION S71PL129JA0BFI9B0 Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 149 page
background image
8
S71PL129Jxx_00_A5 December 23, 2004
Advance
Info rmation
Input/Output Description
Pin Description
A21–A0
=
22 Address Inputs (Common)
DQ15–DQ0
=
16 Data Inputs/Outputs (Common)
CE1#f
=
Chip Enable 1 (Flash)
CE2#f
=
Chip Enable 2 (Flash)
CE1#ps
=
Chip Enable 1 (pSRAM)
CE2ps
=
Chip Enable 2 (pSRAM)
OE#
=
Output Enable (Common)
WE#
=
Write Enable (Common)
RY/BY#
=
Ready/Busy Output
UB#
=
Upper Byte Control (pSRAM)
LB#
=
Lower Byte Control (pSRAM)
RESET#
=
Hardware Reset Pin, Active Low (Flash 1)
WP#/ACC
=
Hardware Write Protect/Acceleration Pin (Flash)
VCCf
=
Flash 3.0 volt-only single power supply (see Product
Selector Guide for speed options and voltage supply
tolerances)
VCCps
=
pSRAM Power Supply
VSS
=
Device Ground (Common)
NC
=
Pin Not Connected Internally
Logic Symbol
22
16
DQ15–DQ0
A21–A0
CE1#f
OE#
WE#
RES ET#
R Y/BY#
WP #/ACC
UB#
CE2#f
CE2ps
CE1#ps
LB#


Similar Part No. - S71PL129JA0BFI9B0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71PL129JA0 SPANSION-S71PL129JA0 Datasheet
3Mb / 153P
   Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
More results

Similar Description - S71PL129JA0BFI9B0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71GL-N SPANSION-S71GL-N_08 Datasheet
463Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL016A SPANSION-S71GL016A Datasheet
252Kb / 9P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL032A SPANSION-S71GL032A Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016D SPANSION-S71AL016D Datasheet
1Mb / 76P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016M SPANSION-S71AL016M Datasheet
1Mb / 68P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL-N SPANSION-S71GL-N Datasheet
452Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
logo
Eon Silicon Solution In...
EN71PL032A0A EON-EN71PL032A0A Datasheet
333Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71GL128B0 EON-EN71GL128B0 Datasheet
545Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL03280 EON-EN71PL03280 Datasheet
223Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
EN71PL032A0 EON-EN71PL032A0 Datasheet
212Kb / 7P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com