Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTP-622Y401 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FTP-622Y401
Description  24V DRIVE INTERFACE BOARD (PARALLEL)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTP-622Y401 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FTP-622Y401 Datasheet HTML 1Page - Fujitsu Component Limited. FTP-622Y401 Datasheet HTML 2Page - Fujitsu Component Limited. FTP-622Y401 Datasheet HTML 3Page - Fujitsu Component Limited. FTP-622Y401 Datasheet HTML 4Page - Fujitsu Component Limited. FTP-622Y401 Datasheet HTML 5Page - Fujitsu Component Limited. FTP-622Y401 Datasheet HTML 6Page - Fujitsu Component Limited. FTP-622Y401 Datasheet HTML 7Page - Fujitsu Component Limited. FTP-622Y401 Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
24V DRIVE INTERFACE BOARD (PARALLEL)
FTP-622DCL001/011/ FTP-622DSL001/011/012
1. Centronics
(1) Connector (CN1)
Connector part number
: FCN-605Q030-G/S (Fujitsu Components)
Mating connector part number : FCN-607B030-G/D (Fujitsu Components) or equivalent
No.
Signal
I/O
Contents
No.
Signal
I/O
Contents
1
PRSTB
I
Data strobe
2
PRSTB-RET
Connected to logic GND
3
PRDT0
I
Data 0
4
PRDT0-RET
Connected to logic GND
5
PRDT1
I
Data 1
6
PRDT1-RET
Connected to logic GND
7
PRDT2
I
Data 2
8
PRDT2-RET
Connected to logic GND
9
PRDT3
I
Data 3
10
PRDT3-RET
Connected to logic GND
11
PRDT4
I
Data 4
12
PRDT4-RET
Connected to logic GND
13
PRDT5
I
Data 5
14
PRDT5-RET
Connected to logic GND
15
PRDT6
I
Data 6
16
PRDT6-RET
Connected to logic GND
17
PRDT7
I
Data 7
18
PRDT7-RET
Connected to logic GND
19
ACKNLG
O
Data input acknowledge
20
ACKNLG-RET
Connected to logic GND
21
BUSY
O
Busy
22
BUSY-RET
Connected to logic GND
23
RINF2
O
Printer status
24
INPRM-RET
Connected to logic GND
25
SLCTIN
I
Printer select
26
INPRM
I
Reset
27
RINF1
O
Printer status
28
RINF3
O
Printer status
29
ATF
I
Paper feed request
30
GND
Logic GND
(2) Connector pin assignment
Notes:
• Symbol “——” means a negative logic signal.
• “–RET” signal is a return signal of the twisted pair cable.
• “I” or “O” means a signal direction from the interface board side.
s INTERFACE
(3) Connector pin number
FCN-605Q030-G/S (Fujitsu
Components) or
equivalent
(4) Data input signal timing
No.1
No.2
No.30
PRDT0~7
PRSTB
BUSY
ACKNLG
t1
t3
t2
t4
t5
:t1
≥0.5 µsec
:t2
≥0.5 µsec
:t3
≥0.5 µsec
PRSTB to BUSY= “H”
ACKNLG pulse
:t4
≤0.5 µsec
:t5
=5.0 µsec
..
Data set time
PRSTB pulse
Data hold time
FOR FTP-622/632/642MCL001/002/301/302/303/304
1


Similar Part No. - FTP-622Y401

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-622MCL FUJITSU-FTP-622MCL Datasheet
207Kb / 3P
   THERMO-SENSITIVE PAPER
More results

Similar Description - FTP-622Y401

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC68230 NXP-MC68230 Datasheet
8Mb / 74P
   PARALLEL INTERFACE/TIMER
DECEMBER, 1983
logo
NEC
UPD71055 NEC-UPD71055 Datasheet
486Kb / 20P
   Parallel Interface Unit
logo
IC-Haus GmbH
IC-VRV ICHAUS-IC-VRV Datasheet
166Kb / 12P
   BIDIRECTIONAL 關P INTERFACE TO 24V
logo
Silicon Laboratories
SI3000PPT-EVB SILABS-SI3000PPT-EVB Datasheet
2Mb / 24P
   EVALUATION BOARD FOR THE Si3000 WITH THE PARALLEL PORT INTERFACE
logo
Purdy Electronics Corpo...
PC-TFT-35XS-LED PURDY-PC-TFT-35XS-LED Datasheet
166Kb / 4P
   Interface Board
PC-TFT-64PA PURDY-PC-TFT-64PA Datasheet
417Kb / 5P
   Interface Board
PC-TFT-25XS PURDY-PC-TFT-25XS Datasheet
184Kb / 5P
   Interface Board
PC-TFT-35VX PURDY-PC-TFT-35VX Datasheet
505Kb / 6P
   Interface Board
PC-TFT-050VL PURDY-PC-TFT-050VL Datasheet
246Kb / 3P
   Interface Board
PC-TFT-35XS PURDY-PC-TFT-35XS Datasheet
169Kb / 4P
   Interface Board
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com