Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9060 Datasheet(PDF) 11 Page - OKI electronic componets

Part # ML9060
Description  1/2 DUTY, 160-OUTPUT STATIC LCD DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9060 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button ML9060 Datasheet HTML 7Page - OKI electronic componets ML9060 Datasheet HTML 8Page - OKI electronic componets ML9060 Datasheet HTML 9Page - OKI electronic componets ML9060 Datasheet HTML 10Page - OKI electronic componets ML9060 Datasheet HTML 11Page - OKI electronic componets ML9060 Datasheet HTML 12Page - OKI electronic componets ML9060 Datasheet HTML 13Page - OKI electronic componets ML9060 Datasheet HTML 14Page - OKI electronic componets ML9060 Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ML9060
¡ Semiconductor
11/17
During the 1/2 duty dynamic display mode of operation:
COM A and COM B change their states at every cycle of the COM OUT signal and repeat the
selected and non-selected modes always opposing each other in phase. A signal with the same
phase as that of the COM OUT signal is output in the selected mode. A voltage equal to 1/2VLCD
is output in the non-selected mode.
When COM A is in the selected mode (that is, COM B is in the non-selected mode), the segment
outputs (SEG1 to SEG160) output signals corresponding to the display data in the data latch A.
When COM B is in the selected mode (that is, COM A is in the non-selected mode), the segment
outputs (SEG1 to SEG160) output signals corresponding to the display data in the data latch B.
• VDD
This is the power supply input pin for the logic circuits.
• VLCD
This is the power supply input pin for the LCD drivers.
• GND
This is the ground pin for all circuits.


Similar Part No. - ML9060

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
ML90.200 PULS-ML90.200 Datasheet
120Kb / 2P
   24V 3.75A, TWO-PHASE INPUT
logo
OKI electronic componet...
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040-AXX OKI-ML9040-AXX Datasheet
434Kb / 47P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040-BXX OKI-ML9040-BXX Datasheet
434Kb / 47P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040A OKI-ML9040A Datasheet
435Kb / 49P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
More results

Similar Description - ML9060

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9489 ETC2-ML9489 Datasheet
401Kb / 32P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
ML9479E ETC2-ML9479E Datasheet
403Kb / 32P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 160 Outputs LCD Driver
logo
New Japan Radio
NJU6541A NJRC-NJU6541A Datasheet
398Kb / 41P
   Static 1/2 1/3 1/4 Duty LCD Driver
logo
List of Unclassifed Man...
ML9488 ETC2-ML9488 Datasheet
403Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
logo
LAPIS Semiconductor Co....
ML9478C LAPIS-ML9478C Datasheet
323Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
ML9480 LAPIS-ML9480 Datasheet
365Kb / 37P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 40 Outputs LCD Driver
logo
List of Unclassifed Man...
ML9484 ETC2-ML9484 Datasheet
383Kb / 29P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 50 Outputs LCD Driver
logo
LAPIS Semiconductor Co....
ML9484 LAPIS-ML9484 Datasheet
304Kb / 29P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 50 Outputs LCD Driver
ML9488 LAPIS-ML9488 Datasheet
320Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
logo
List of Unclassifed Man...
ML9478C ETC2-ML9478C Datasheet
405Kb / 31P
   Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com