Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCC1002 Datasheet(PDF) 5 Page - TT Electronics.

Part # HCC1002
Description  Hi-Reliability RAD Capable Optoisolator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HCC1002 Datasheet(HTML) 5 Page - TT Electronics.

  HCC1002 Datasheet HTML 1Page - TT Electronics. HCC1002 Datasheet HTML 2Page - TT Electronics. HCC1002 Datasheet HTML 3Page - TT Electronics. HCC1002 Datasheet HTML 4Page - TT Electronics. HCC1002 Datasheet HTML 5Page - TT Electronics. HCC1002 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Hi-Reliability RAD Capable Optoisolator
HCC1002
Issue A
05/2016
Page 5
TT Electronics | OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.ttelectronics.com | www.optekinc.com
Packaging
Package styles available:
Radiation testing was in a TO-78 can; functional & radiation samples can be supplied in discrete pairs
such as, “pills” or TO-46 / TO-18 metal cans, 4 & 6 pin Hermetic Ceramic LLC, high voltage assemblies
like the OPI120 and OPI150 hermetic high voltage isolators and more.


Similar Part No. - HCC1002

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HCC1000 TTELEC-HCC1000 Datasheet
766Kb / 6P
   Hi-Reliability RAD Capable Optoisolator
HCC1001 TTELEC-HCC1001 Datasheet
766Kb / 6P
   Hi-Reliability RAD Capable Optoisolator
logo
GUANGDONG HOTTECH INDUS...
HCC1008 HOTTECH-HCC1008 Datasheet
420Kb / 4P
   GENERAL PURPOSE TRANSISTOR
More results

Similar Description - HCC1002

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
HCC1000 TTELEC-HCC1000 Datasheet
766Kb / 6P
   Hi-Reliability RAD Capable Optoisolator
logo
OptoDiode Corp
OD-800L OPTODIODE-OD-800L Datasheet
259Kb / 2P
   HI-REL RAD HARD IR EMITTERS
OD-800L OPTODIODE-OD-800L_18 Datasheet
173Kb / 5P
   Hi-Rel RAD Hard IR Emitters
OD-800F OPTODIODE-OD-800F_18 Datasheet
166Kb / 5P
   Hi-Rel RAD Hard IR Emitters
logo
Vectron International, ...
PX-209 VECTRON-PX-209 Datasheet
310Kb / 4P
   Hi-Reliability Crystal Oscillator
PX-369 VECTRON-PX-369 Datasheet
360Kb / 4P
   Hi-Reliability Crystal Oscillator
logo
OptoDiode Corp
OD-800F OPTODIODE-OD-800F Datasheet
261Kb / 2P
   HI-REL RAD HARD IR EMITTERS
OD-800W OPTODIODE-OD-800W Datasheet
258Kb / 2P
   HI-REL RAD HARD IR EMITTERS
OD-800PP OPTODIODE-OD-800PP Datasheet
67Kb / 2P
   HI-REL RAD HARD IR EMITTERS
logo
Panasonic Semiconductor
CNC4L901 PANASONIC-CNC4L901 Datasheet
52Kb / 3P
   Optoisolator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com