Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB315 Datasheet(PDF) 1 Page - TT Electronics.

Part # OPB315
Description  Slotted Optical Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB315 Datasheet(HTML) 1 Page - TT Electronics.

  OPB315 Datasheet HTML 1Page - TT Electronics. OPB315 Datasheet HTML 2Page - TT Electronics. OPB315 Datasheet HTML 3Page - TT Electronics. OPB315 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Each slotted optical switch in this series consists of an infrared emitting diode (LED) and a NPN silicon phototransistor
mounted on opposite sides of a 0.90” (22.9 mm) wide slot in an opaque black plastic package.
The OPB315L has 0.25” minimum leads, while the OPB315WZ has a minimum of 24” (610 mm) 26 AWG wires.
Phototransistor switching takes place whenever an opaque object passes through the slot.
 Non-contact object sensing
 Assembly line automation
 Machine automation
 Equipment security
 Machine safety
 Lateral package
 Opaque black plastic
 850 nm wavelength
 Choice of leads or wires
OPB315WZ
OPB315L
Ordering Information
Part
Number
LED Peak
Wavelength
Sensor
Slot Width /
Depth
Aperture
Emitter / Sensor
Wire or Lead
Length / Gage
OPB315L
850 nm
Transistor
0.90"/0.46”
0.03” R / 0.03” R
0.25” / N/A
OPB315WZ
24” min/
26 AWG wires
OPB315L
1
2
3
4
Pin #
LED
Pin #
Transistor
1
Anode
3
Collector
2
Cathode
4
Emitter
OPB315L
NOTES:
1. TOLERANCES ARE ± 0.010 [0.254] UNLESS
OTHERWISE SPECIFIED.
INCHES
[MILLIMETERS]
DIMENSIONS ARE IN:
White Dot
RoHS


Similar Part No. - OPB315

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB350 OPTEK-OPB350 Datasheet
480Kb / 4P
   Tube Liquid Sensor
OPB350 OPTEK-OPB350 Datasheet
715Kb / 24P
   Auto-Calibration Design Kit
logo
TT Electronics.
OPB350 TTELEC-OPB350 Datasheet
3Mb / 1P
   Tube Liquid Sensor
logo
OPTEK Technologies
OPB350C125Z OPTEK-OPB350C125Z Datasheet
715Kb / 24P
   Auto-Calibration Design Kit
logo
TT Electronics.
OPB350C125Z TTELEC-OPB350C125Z Datasheet
3Mb / 1P
   Tube Liquid Sensor
More results

Similar Description - OPB315

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
   SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
   SLOTTED OPTICAL SWITCH
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
   SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
   slotted optical switch
logo
TT Electronics.
OPB917 TTELEC-OPB917 Datasheet
828Kb / 5P
   Slotted Optical Switch
OPB960 TTELEC-OPB960 Datasheet
1Mb / 6P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
   Slotted Optical Switch
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
   Slotted Optical Switch
logo
TT Electronics.
OPB827 TTELEC-OPB827 Datasheet
608Kb / 6P
   Slotted Optical Switch
OPB806 TTELEC-OPB806 Datasheet
650Kb / 4P
   Slotted Optical Switch
OPB818 TTELEC-OPB818 Datasheet
540Kb / 3P
   Slotted Optical Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com