Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP03881 Datasheet(PDF) 3 Page - Golledge Electronics Ltd

Part # MP03881
Description  SAW Filter 480.0MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03881 Datasheet(HTML) 3 Page - Golledge Electronics Ltd

  MP03881 Datasheet HTML 1Page - Golledge Electronics Ltd MP03881 Datasheet HTML 2Page - Golledge Electronics Ltd MP03881 Datasheet HTML 3Page - Golledge Electronics Ltd MP03881 Datasheet HTML 4Page - Golledge Electronics Ltd MP03881 Datasheet HTML 5Page - Golledge Electronics Ltd MP03881 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 480.0MHz
Model: TB0714A
Part No: MP03881
Rev No: 1
TB0714A v1
3
3. S11 Smith Chart: (span 150MHz)
4. S22 Smith Chart: (span 150MHz)


Similar Part No. - MP03881

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03880 GOLLEDGE-MP03880 Datasheet
135Kb / 7P
   SAW Filter 464.0MHz
MP03883 GOLLEDGE-MP03883 Datasheet
130Kb / 6P
   SAW Filter 490.0MHz
MP03884 GOLLEDGE-MP03884 Datasheet
87Kb / 6P
   SAW Filter 495.0MHz
MP03885 GOLLEDGE-MP03885 Datasheet
59Kb / 6P
   SAW Filter 512.20MHz
More results

Similar Description - MP03881

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03867 GOLLEDGE-MP03867 Datasheet
248Kb / 6P
   SAW Filter 480.0MHz
MA07242 GOLLEDGE-MA07242 Datasheet
115Kb / 4P
   SAW Filter 480.0MHz
MP05663 GOLLEDGE-MP05663 Datasheet
101Kb / 6P
   SAW Filter 480.0MHz
MP02645 GOLLEDGE-MP02645 Datasheet
173Kb / 6P
   SAW Filter 480.0MHz
MP01780 GOLLEDGE-MP01780 Datasheet
175Kb / 5P
   SAW Filter 480.0MHz
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com