Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1626A Datasheet(PDF) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1626A
Description  SAW Filter 2595 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1626A Datasheet(HTML) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1626A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1626A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1626A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1626A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1626A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1626A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1626A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
7
TST DCC
Release document
20
40
60
80
100
120
140
160
180
200
220
240
260
280
Time (Sec)
H. RECOMMENDED REFLOW PROFILE:


Similar Part No. - TA1626A

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA16205AD1 TRANSKO-TA16205AD1 Datasheet
623Kb / 4P
   162.51 MHz IF SAW Filter / 5.22 MHz Bandwidth
Revision 0: 12. Jan. 2012
TA16212AV TRANSKO-TA16212AV Datasheet
641Kb / 4P
   162.30 MHz IF SAW Filter / 12.65 MHz Bandwidth
Revision 0: 29. Sep. 2009
logo
TAI-SAW TECHNOLOGY CO.,...
TA1621A TAI-SAW-TA1621A Datasheet
147Kb / 7P
   SAW Filter 1579.5 MHz
TA1622A TAI-SAW-TA1622A Datasheet
170Kb / 7P
   SAW Filter 864 MHz
logo
Golledge Electronics Lt...
TA1622A GOLLEDGE-TA1622A Datasheet
93Kb / 4P
   SAW Filter 864.0MHz
More results

Similar Description - TA1626A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1391A TAI-SAW-TA1391A Datasheet
415Kb / 8P
   SAW Filter 2595 MHz
logo
Murata Manufacturing Co...
SF2240E MURATA-SF2240E Datasheet
486Kb / 6P
   2595 MHz SAW Filter
SF2241E MURATA-SF2241E Datasheet
844Kb / 6P
   2595 MHz SAW Filter
logo
RF Monolithics, Inc
SF2240E RFM-SF2240E Datasheet
802Kb / 6P
   2595 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1236A TAI-SAW-TA1236A Datasheet
364Kb / 8P
   SAW Filter 2595 MHz
TA1391B TAI-SAW-TA1391B Datasheet
408Kb / 8P
   SAW Filter 2595 MHz
logo
TriQuint Semiconductor
885026 TRIQUINT-885026_15 Datasheet
550Kb / 6P
   2595 MHz BAW Filter
logo
Qorvo, Inc
885026 QORVO-885026 Datasheet
507Kb / 6P
   2595 MHz BAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2405B TAI-SAW-TA2405B Datasheet
880Kb / 10P
   SAW TRX Filter 2595 MHz Band41 SMD 1109(BW=120MHz)
TA2405A TAI-SAW-TA2405A Datasheet
878Kb / 10P
   SAW TRX Filter 2595 MHz Band41 SMD 1109(BW=120MHz)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com