Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1630A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1630A
Description  SAW Filter 314.45 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1630A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1630A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1630A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1630A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1630A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1630A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1630A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1630A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Description: 314.45MHz 1.3MHz BW SMD 3.0 x 3.0 mm SAW RF Filter
TST Parts No.: TA1630A
Customer Parts No.:
_
Company:
Division:
Approved by :
Date:
Checked by:
Kazuma Lee
Approval by:
Bob Chau
___
Date:
10/ 07/2016
1.
Customer signed back is required before TST can proceed with sample build and receive orders.
2.
Orders received without customer signed back will be regarded as agreement on the specifications.
3.
Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes.


Similar Part No. - TA1630A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1631A TAI-SAW-TA1631A Datasheet
153Kb / 7P
   SAW Filter 480 MHz
logo
Golledge Electronics Lt...
TA1631A GOLLEDGE-TA1631A Datasheet
101Kb / 6P
   SAW Filter 480.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1632A TAI-SAW-TA1632A Datasheet
155Kb / 7P
   SAW Filter 1457 MHz
TA1633A TAI-SAW-TA1633A Datasheet
130Kb / 6P
   SAW Filter 460 MHz
logo
Golledge Electronics Lt...
TA1633A GOLLEDGE-TA1633A Datasheet
113Kb / 6P
   SAW Filter 460.0MHz
More results

Similar Description - TA1630A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1778C TAI-SAW-TA1778C Datasheet
775Kb / 7P
   SAW Filter 314.45 MHz (BW 1.06MHz) SMD 3.0X3.0 mm
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com