Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1636B Datasheet(PDF) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1636B
Description  SAW Filter 412.5 MHz 19MHz BW SMD 3.8횞3.8mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1636B Datasheet(HTML) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1636B Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1636B Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1636B Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1636B Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1636B Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1636B Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1636B Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
7
TST DCC
Release document
20
40
60
80
100
120
140
160
180
200
220
240
260
280
Time (Sec)
H. RECOMMENDED REFLOW PROFILE :


Similar Part No. - TA1636B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1636A TAI-SAW-TA1636A Datasheet
236Kb / 7P
   SAW Filter 412.5 MHz 19MHz BW SMD 3.8횞3.8mm
logo
Golledge Electronics Lt...
TA1636A GOLLEDGE-TA1636A Datasheet
173Kb / 6P
   SAW Filter: 412.50MHz
More results

Similar Description - TA1636B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1636A TAI-SAW-TA1636A Datasheet
236Kb / 7P
   SAW Filter 412.5 MHz 19MHz BW SMD 3.8횞3.8mm
TA1421A TAI-SAW-TA1421A Datasheet
338Kb / 7P
   SAW Filter 452.5 MHz SMD 3.8횞3.8mm (BW=4.8MHz)
TA1635A TAI-SAW-TA1635A Datasheet
263Kb / 7P
   SAW Filter 427.5 MHz 15MHz BW SMD 3.8횞3.8mm
TA1676A TAI-SAW-TA1676A Datasheet
240Kb / 7P
   SAW Filter 445 MHz 20MHz BW SMD 3.8횞3.8mm
TA1675A TAI-SAW-TA1675A Datasheet
383Kb / 7P
   SAW Filter 428 MHz 20MHz BW SMD 3.8횞3.8mm
TA1634A TAI-SAW-TA1634A Datasheet
261Kb / 7P
   SAW Filter 443 MHz 20MHz BW SMD 3.8횞3.8mm
TA2299A TAI-SAW-TA2299A Datasheet
643Kb / 7P
   SAW Filter 412.5 MHz BW 5MHz SMD 3.0X3.0 mm
TA1557A TAI-SAW-TA1557A Datasheet
224Kb / 7P
   SAW Filter 770MHz(BW 12MHz) SMD 3.8횞3.8mm
TA1558A TAI-SAW-TA1558A Datasheet
223Kb / 7P
   SAW Filter 809MHz(BW 30MHz) SMD 3.8횞3.8mm
TA1672A TAI-SAW-TA1672A Datasheet
238Kb / 7P
   SAW Filter 434.1MHz 10MHz BW SMD 3.8횞3.8mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com