Electronic Components Datasheet Search |
|
TA1688B Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD. |
|
TA1688B Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD. |
2 / 6 page TAI-SAW TECHNOLOGY CO., LTD. 2 TAI-SAW TECHNOLOGY CO., LTD. No. 3, Industrial 2nd Rd., Ping-Chen Industrial District, Taoyuan, 324, Taiwan, R.O.C. TEL: 886-3-4690038 FAX: 886-3-4697532 E-mail: tstsales@mail.taisaw.com Web: www.taisaw.com SAW Filter 367.5 MHz MODEL NO.: TA1688B REV. NO.:1 409. MAXIMUM RATING: 1. Input Power Level: 10 dBm 2. DC Voltage : 3 V 3. Operating Temperature: -40°C to +85°C 5. Storage Temperature: -40°C to +85°C B. ELECTRICAL CHARACTERISTICS: Item Unit Min. Typ. Max. Center frequency Fc MHz - 367.5 - Insertion Loss (366.5~368.5 MHz) IL dB - 1.7 3.0 Amplitude Ripple (366.5~368.5 MHz) dB - 0.3 1.4 Attenuation (Reference level from 0 Db) 325.5 MHz dB 30 60 - 356.8 MHz dB 10 42 - 378.2 MHz dB 10 29 - 409.5 MHz dB 30 61 - 458 ~ 459 MHz dB 50 57 Temperature coefficient of frequency ppm/k - -36 - C. MEASUREMENT CIRCUIT: 50Ω HP Network analyzer 50Ω SAW Filter 2 6 1, 3 ,4, 5 ,7, 8 RoHS Compliant Lead free Lead-free soldering |
Similar Part No. - TA1688B |
|
Similar Description - TA1688B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |