Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1195ECM Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1195ECM
Description  Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1195ECM Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1195ECM Datasheet HTML 5Page - Maxim Integrated Products MAX1195ECM Datasheet HTML 6Page - Maxim Integrated Products MAX1195ECM Datasheet HTML 7Page - Maxim Integrated Products MAX1195ECM Datasheet HTML 8Page - Maxim Integrated Products MAX1195ECM Datasheet HTML 9Page - Maxim Integrated Products MAX1195ECM Datasheet HTML 10Page - Maxim Integrated Products MAX1195ECM Datasheet HTML 11Page - Maxim Integrated Products MAX1195ECM Datasheet HTML 12Page - Maxim Integrated Products MAX1195ECM Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with
Internal Reference and Parallel Outputs
_______________________________________________________________________________________
9
Typical Operating Characteristics (continued)
(VDD = 3V, OVDD = 3V, VREFIN = 2.048V, differential input at -1dB FS, fCLK = 40MHz, CL
≈ 10pF TA = +25°C, unless otherwise
noted.)
INTERNAL REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
2.024
2.028
2.032
2.036
2.040
2.020
-40
85
INTERNAL REFERENCE VOLTAGE
vs. ANALOG SUPPLY VOLTAGE
VDD (V)
3.45
3.30
3.15
3.00
2.85
2.0304
2.0308
2.0312
2.0316
2.0320
2.0324
2.0300
2.70
3.60
SNR/SINAD, THD/SFDR
vs. CLOCK DUTY CYCLE
CLOCK DUTY CYCLE (%)
60
50
40
40
50
60
70
80
30
30
70
SNR
SINAD
THD
SFDR
fIN = 19.9159303MHz
DIGITAL SUPPLY CURRENT
vs. ANALOG INPUT FREQUENCY
ANALOG INPUT FREQUENCY (MHz)
16
12
8
4
2
4
6
8
10
0
020
ANALOG SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
26
27
28
29
30
31
32
33
25
-40
85
SNR/SINAD, THD/SFDR
vs. SAMPLING SPEED
SAMPLING SPEED (Msps)
80
60
40
20
-80
-60
-40
-20
0
20
40
60
80
100
-100
0
100
SFDR
SNR
SINAD
THD
fIN = 19.9159303MHz
OFFSET ERROR vs. TEMPERATURE, EXTERNAL
REFERENCE VREFIN = 2.048V
TEMPERATURE (
°C)
60
35
10
-15
-0.6
-0.4
-0.2
0
0.2
-0.8
-40
85
CHA
CHB
GAIN ERROR vs. TEMPERATURE, EXTERNAL
REFERENCE VREFIN = 2.048V
TEMPERATURE (
°C)
60
35
10
-15
0
0.1
0.2
0.3
0.4
0.5
-0.1
-40
85
CHA
CHB


Similar Part No. - MAX1195ECM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1195 MAXIM-MAX1195 Datasheet
516Kb / 10P
   Low-Voltage and Low-Power Operation
Rev 0; 8/02
More results

Similar Description - MAX1195ECM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1196 MAXIM-MAX1196 Datasheet
635Kb / 23P
   Dual 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
19-2600; Rev 0; 9/02
MAX1183 MAXIM-MAX1183_V01 Datasheet
343Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
MAX1183 MAXIM-MAX1183 Datasheet
495Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX1186 MAXIM-MAX1186 Datasheet
444Kb / 21P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 0; 12/01
MAX1197 MAXIM-MAX1197 Datasheet
544Kb / 22P
   Dual, 8-Bit, 60Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2002
MAX1182 MAXIM-MAX1182 Datasheet
510Kb / 21P
   Dual 10-Bit, 65Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 7/01
MAX1184 MAXIM-MAX1184 Datasheet
504Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 10/01
MAX1181 MAXIM-MAX1181 Datasheet
304Kb / 20P
   Dual 10-Bit, 80Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 1; 2/07
MAX1185 MAXIM-MAX1185 Datasheet
495Kb / 20P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
MAX1185 MAXIM-MAX1185_10 Datasheet
299Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 2; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com