Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2055AF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S2055AF
Description  SILICON DIFFUSED POWER TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S2055AF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S2055AF Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GENERAL DESCRIPTION
Highvoltage,high-speed switching npn transistors in
a plastic envelope with integrated efficiency diode ,
primarily for use in horizontal deflection circuites of
colour television receivers
QUICK REFERENCE DATA
LIMITING VALUES
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0V
1500
V
V
CEO
Collector-emitter voltage (open base)
600
V
I
C
Collector current (DC)
8
A
I
CM
Collector current peak value
15
A
P
tot
Total power dissipation
T
mb
25
125
W
V
CEsat
Collector-emitter saturation voltage
I
C = 4.5A; IB = 2.0A
1.5
V
I
csat
Collector saturation current
f = 16KHz
A
V
F
Diode forward voltage
I
F=4.0A
2.0
V
t
f
Fall time
I
C=4.5A,IB1=-IB2=1.2A,VCC=140V
1.0
s
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0V
1500
V
V
CEO
Collector-emitter voltage (open base)
600
V
V
EBO
Emitter-base voltage(open collector)
5
V
I
C
Collector current (DC)
8
A
I
B
Base current (DC)
4
A
I
BM
Base current peak value
6
A
P
tot
Total power dissipation
Tmb
25
125
W
T
stg
Storage temperature
-55
150
T
j
Junction temperature
150
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
I
CE
Collector-emitter cut-off current
V
BE = 0V; VCE = VCESMmax
1.0
mA
I
CES
V
BE = 0V; VCE = VCESMmax
2.0
mA
T
j = 125
V
CEOsust
Collector-emitter sustaining voltage
I
B = 0A; IC = 100mA
V
L = 25mH
V
CEsat
Collector-emitter saturation voltages
I
C = 4.5A; IB = 2.0A
1.5
V
V
BEsat
Base-emitter satuation voltage
I
C = 4.5A; IB = 2.0A
2.5
V
h
FE
DC current gain
I
C = 1.0A; VCE = 5V
8
30
V
F
Diode forward voltage
I
F=4.5A
2.0
V
f
T
Transition frequency at f = 1MHz
I
C = 0.1A; VCE = 10V
3
MHz
C
c
Collector capacitance at f = 1MHz
V
CB = 10V
pF
t
s
Switching times(16KHz line deflecton circuit)
I
C=4.5A,IB1=-IB2=1.2A,VCC=140V
7.0
s
t
f
Turn-off storage time Turn-off fall time
IC=4.5A,IB1=-IB2=1.2A,VCC=140V
1.0
s
ELECTRICAL CHARACTERISTICS
TO-3PM
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
ic@wingshing.com
S2055AF
SILICON DIFFUSED POWER TRANSISTOR


Similar Part No. - S2055AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S2055AF ETC1-S2055AF Datasheet
137Kb / 1P
   TO-39(H) PACKAGE SERIES
logo
Savantic, Inc.
S2055AF SAVANTIC-S2055AF Datasheet
238Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
S2055AF ISC-S2055AF Datasheet
131Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
S2055AF SAVANTIC-S2055AF Datasheet
240Kb / 3P
   Silicon NPN Power Transistors
logo
List of Unclassifed Man...
S2055AF ETC2-S2055AF Datasheet
136Kb / 1P
   TO-3P(H) IS PACKAGE SERIES
More results

Similar Description - S2055AF

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com