Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8588 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8588
Description  High-Efficiency, Low-IQ PMIC with Dynamic Core for PDAs and Smartphones
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8588 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8588 Datasheet HTML 1Page - Maxim Integrated Products MAX8588 Datasheet HTML 2Page - Maxim Integrated Products MAX8588 Datasheet HTML 3Page - Maxim Integrated Products MAX8588 Datasheet HTML 4Page - Maxim Integrated Products MAX8588 Datasheet HTML 5Page - Maxim Integrated Products MAX8588 Datasheet HTML 6Page - Maxim Integrated Products MAX8588 Datasheet HTML 7Page - Maxim Integrated Products MAX8588 Datasheet HTML 8Page - Maxim Integrated Products MAX8588 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
High-Efficiency, Low-IQ PMIC with
Dynamic Core for PDAs and Smartphones
4
_______________________________________________________________________________________
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ILX3 = -180mA
0.225
0.375
p-Channel On-Resistance
ILX2 = -180mA, VPV3 = 2.6V
0.26
0.425
ILX3 = 180mA
0.15
0.25
n-Channel On-Resistance
ILX3 = 180mA, VPV3 = 2.6V
0.17
0.275
Current-Sense Transresistance
1.1
V/A
p-Channel Current-Limit Threshold
-0.60
-0.7
-0.85
A
PWM Skip-Mode Transition Load
Current
Decreasing load current (Note 2)
30
mA
OUT3 Maximum Output Current
2.6V
≤ VPV3 ≤ 5.5V (Note 3)
0.5
A
LX3 Leakage Current
VPV3 = 5.5V, LX3 = GND or PV2, VON3 = 0V
-10
+0.1
+10
µA
LDOS V4, V5, V6, V1 SLEEP, V2 SLEEP, AND V7 OUTPUT
V4, V5, V6, V1 SLEEP, V2 SLEEP
Output Current
35
mA
V7 Output Current
30
mA
REG4 Output Voltage
Load = 0.1mA to 35mA
1.261
1.3
1.339
V
REG4 Noise
With 1µF COUT and 0.01µF CBYP
15
µVRMS
REG5 Output Voltage
Load = 0.1mA to 35mA
1.067
1.1
1.133
V
IN45, IN6 Input Voltage Range
2.4
5.5
V
0V setting (either ON6 low or serial programmed)
0
1.8V setting, load = 0.1mA to 35mA
1.746
1.8
1.854
2.5V setting, load = 0.1mA to 35mA
2.425
2.5
2.575
REG6 Output Voltage (POR Default
to 0V, Set by Serial Input)
3.0V setting, load = 0.1mA to 35mA
2.91
3.0
3.09
V
V1 on and in regulation
VV1
V7 Output Voltage
V1 off
VBKBT
V
V1 and V2 SLEEP Output Voltage
Accuracy
Set to same output voltage as REG1 and REG2
-3.0
+3.0
%
V1 and V2 SLEEP Dropout Voltage
Load = 20mA
75
150
mV
V6 Dropout Voltage
3V mode, load = 30mA, 2.5V mode, load = 30mA
110
200
mV
V7 Switch Voltage Drop
Load = 20mA, VBKBT = VV1 = 3.0V
100
200
mV
V4, V5, V6 Output Current Limit
40
90
mA
BKBT Leakage
1
µA
OSCILLATOR
PWM Switching Frequency
0.93
1
1.07
MHz
SUPERVISORY/MANAGEMENT FUNCTIONS
Rising
92
94.75
97
POK Trip Threshold (Note 4)
Falling
88.5
90.5
92.5
%
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 3.6V, VBKBT = 3.0V, VLBI = 1.1V, VDBI = 1.35V, circuit of Figure 5, TA = 0°C to +85°C, unless otherwise noted. Typical values
are at TA = +25°C.)


Similar Part No. - MAX8588

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8581 MAXIM-MAX8581 Datasheet
263Kb / 9P
   2.5MHz/1.5MHz Step-Down Converters with 60m ohm Bypass in TDFN for CDMA PA Power
Rev 0; 11/06
MAX8581ETB++ MAXIM-MAX8581ETB+ Datasheet
263Kb / 9P
   2.5MHz/1.5MHz Step-Down Converters with 60m ohm Bypass in TDFN for CDMA PA Power
Rev 0; 11/06
MAX8581ETB++ MAXIM-MAX8581ETB+ Datasheet
562Kb / 10P
   2.5MHz/1.5MHz Step-Down Converters with 60m廓 Bypass in TDFN for CDMA PA Power
2007
MAX8581 MAXIM-MAX8581_V01 Datasheet
562Kb / 10P
   2.5MHz/1.5MHz Step-Down Converters with 60m廓 Bypass in TDFN for CDMA PA Power
2007
MAX8582ETB++ MAXIM-MAX8582ETB+ Datasheet
263Kb / 9P
   2.5MHz/1.5MHz Step-Down Converters with 60m ohm Bypass in TDFN for CDMA PA Power
Rev 0; 11/06
More results

Similar Description - MAX8588

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1586A MAXIM-MAX1586A Datasheet
656Kb / 32P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 1; 12/03
MAX1586A MAXIM-MAX1586A_08 Datasheet
482Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 3; 12/08
MAX1586A MAXIM-MAX1586A_09 Datasheet
677Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 4; 4/09
logo
uPI Group Inc.
UP6641Q UPI-UP6641Q Datasheet
1Mb / 48P
   High Efficiency PMIC with Dynamic Voltage Management
UP6636Q UPI-UP6636Q Datasheet
963Kb / 42P
   High Efficiency PMIC with Dynamic Voltage Management
logo
Maxim Integrated Produc...
MAX8660 MAXIM-MAX8660_09 Datasheet
826Kb / 43P
   High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
Rev 2; 8/09
MAX8660 MAXIM-MAX8660 Datasheet
1Mb / 42P
   High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
Rev 1; 10/06
MAX8660 MAXIM-MAX8660_V01 Datasheet
1Mb / 44P
   High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
2012
MAX8594 MAXIM-MAX8594 Datasheet
691Kb / 22P
   5-Output PMICs with DC-DC Core Supply for Low-Cost PDAs
Rev 2; 4/05
MAX14690 MAXIM-MAX14690_V01 Datasheet
807Kb / 47P
   PMIC with Ultra-Low IQ Voltage Regulators and Battery Charger for Small Lithium Ion Systems
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com