Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90573 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB90573
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90573 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB90573 Datasheet HTML 5Page - Fujitsu Component Limited. MB90573 Datasheet HTML 6Page - Fujitsu Component Limited. MB90573 Datasheet HTML 7Page - Fujitsu Component Limited. MB90573 Datasheet HTML 8Page - Fujitsu Component Limited. MB90573 Datasheet HTML 9Page - Fujitsu Component Limited. MB90573 Datasheet HTML 10Page - Fujitsu Component Limited. MB90573 Datasheet HTML 11Page - Fujitsu Component Limited. MB90573 Datasheet HTML 12Page - Fujitsu Component Limited. MB90573 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 120 page
background image
MB90570 Series
9
(Continued)
*1 : FPT-120P-M05
*2 : FPT-120P-M13, FPT-120P-M21
Pin no.
Pin name
Circuit
type
Function
LQFP-120 *1
QFP-120 *2
7
P37
E
In single chip mode this is a general-purpose I/O port.
CLK
In external bus mode, this pin functions as the clock (CLK) signal out-
put pin.
9
P40
F
In single chip mode this is a general-purpose I/O port. It can be set to
open drain by the ODR4 register.
SIN0
This is also the UART ch.0 serial data input pin. While UART ch.0 is
in input operation, this input signal is in continuous use, and therefore
the output function should only be used when needed. If shared by
output from other functions, this pin should be output disabled during
SIN operation.
10
P41
F
In single chip mode this is a general-purpose I/O port. It can be set to
open drain by the ODR4 register.
SOT0
This is also the UART ch.0 serial data output pin. This function is valid
when UART ch.0 is enabled for data output.
11
P42
F
In single chip mode this is a general-purpose I/O port. It can be set to
open drain by the ODR4 register.
SCK0
This is also the UART ch.0 serial clock I/O pin. This function is valid
when UART ch.0 is enabled for clock output.
12
P43
F
In single chip mode this is a general-purpose I/O port. It can be set to
open-drain by the ODR4 register.
SIN1
This is also the UART ch.1 serial data input pin. While UART ch.1 is
in input operation, this input signal is in continuous use, and therefore
the output function should only be used when needed. If shared by
output from other functions, this pin should be output disabled during
SIN operation.
13
P44
F
In single chip mode this is a general-purpose I/O port. It can be set to
opendrain by the ODR4 register.
SOT1
This is also the UART ch.1 serial data output pin. This function is valid
when UART ch.1 is enabled for data output.
14
P45
F
In single chip mode this is a general-purpose I/O port. It can be set to
open drain by the ODR4 register.
SCK1
This is also the UART ch.1 serial clock I/O pin. This function is valid
when UART ch.1 is enabled for clock output.
15,16
P46,P47
F
In single chip mode this is a general-purpose I/O port. It can be set to
open drain by the ODR4 register.
PPG0,PPG1
These are also the PPG0, 1 output pins. This function is valid when
PPG0, 1 output is enabled.
17
P50
E
In single chip mode this is a general-purpose I/O port.
SIN2
This is also the I/O serial ch.0 data input pin. During serial data input,
this input signal is in continuous use, and therefore the output function
should only be used when needed.


Similar Part No. - MB90573

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 120P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 120P
   16-bit Proprietary Microcontroller
MB90573PFF FUJITSU-MB90573PFF Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB90573PFV FUJITSU-MB90573PFV Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90573

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com