Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MN101C67G Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MN101C67G
Description  MN101C67D
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN101C67G Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MN101C67G Datasheet HTML 1Page - Panasonic Semiconductor MN101C67G Datasheet HTML 2Page - Panasonic Semiconductor MN101C67G Datasheet HTML 3Page - Panasonic Semiconductor MN101C67G Datasheet HTML 4Page - Panasonic Semiconductor MN101C67G Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MN101C67D, MN101C67G
Timer Counter (Continue)
Timer counter 6 : 8-bit freerun timer
Clock source ····················· 1/1 of system clock frequency; 1/1, 1/4096, 1/8192 of OSC oscillation clock
frequency; 1/1, 1/4096, 1/8192 of XI oscillation clock frequency
Interrupt source ················ coincidence with compare register 6
Timer counter 7 : 16-bit
× 1
(square-wave/16-bit PWM output, cycle / duty continuous variable, event count, synchronous output evevt, pulse
width measurement, input capture)
Clock source ····················· 1/1, 1/2, 1/4, 1/16 of system clock frequency; 1/1, 1/2, 1/4, 1/16 of OSC
oscillation clock frequency; 1/1, 1/2, 1/4, 1/16 of external clock input frequency
Interrupt source ················ coincidence with compare register 7 (2 lines)
Time base timer (one-minute count setting)
Clock source ····················· 1/1 of OSC oscillation clock frequency; 1/1 of XI oscillation clock frequency
Interrupt source ················ 1/128, 1/256, 1/512, 1/1024, 1/8192, 1/32768 of clock source frequency
Watchdog timer
Interrupt source ················ 1/65536, 1/262144, 1/1048576 of system clock frequency
DMA controller (automatic data transfer)
Max. Transfer cycles ········ 255
Starting factor ··················· external request, various types of interrupt, software
Transfer mode ··················· 1-byte transfer, word transfer, burst transfer
Serial Interface
Serial 0 : synchronous type / UART (full-duplex)
× 1
Clock source ····················· 1/2, 1/4 of system clock frequency; pulse output of timer counter 5;
1/2, 1/4, 1/16, 1/64 of OSC oscillation clock frequency
Serial 1 : synchronous type / UART (full-duplex)
× 1
Clock source ····················· 1/2, 1/4 of system clock frequency; pulse output of timer counter 4;
1/2, 1/4, 1/16, 1/64 of OSC oscillation clock frequency
Serial 2 : synchronous type
× 1
Clock source ····················· 1/2, 1/4 of system clock frequency; pulse output of timer counter 3;
1/2, 1/4, 1/16, 1/32 of OSC oscillation clock frequency
Serial 3 : synchronous type/single-master I2C
× 1
Clock source ····················· 1/2, 1/4 of system clock frequency; pulse output of timer counter 3;
1/2, 1/4, 1/16, 1/32 of OSC oscillation clock frequency
Serial 4 : I2C slave
× 1
Applicable for I2C high-speed transfer mode, 7 bit/10bit address setting, general call
Special Ports
Buzzer output, remote control carrier signal output, high-current drive port
A/D Inputs
10-bit
× 7-ch. (with S/H)
I/O Pins
62
• Common use • Specified pull-up resistor available • Input/output selectable (bit unit)
I/O
7
• Common use • Specified pull-up resistor available
Input
See the next page for electrical characteristics, pin assignment and support tool.
MAD00036EEM


Similar Part No. - MN101C67G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN101C61 PANASONIC-MN101C61 Datasheet
122Kb / 5P
   Timer counter 0 : 8-bit X 1
MN101C61D PANASONIC-MN101C61D Datasheet
122Kb / 5P
   Timer counter 0 : 8-bit X 1
MN101C61G PANASONIC-MN101C61G Datasheet
122Kb / 5P
   Timer counter 0 : 8-bit X 1
MN101C62 PANASONIC-MN101C62 Datasheet
377Kb / 5P
   The lower limit for operation guarantee for flash memory built-in type is 2.5 V
MN101C62D PANASONIC-MN101C62D Datasheet
377Kb / 5P
   The lower limit for operation guarantee for flash memory built-in type is 2.5 V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com