Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGBJ15K Datasheet(PDF) 1 Page - SMSC Corporation

Part # SGBJ15K
Description  Glass Passivated Single Phase Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

SGBJ15K Datasheet(HTML) 1 Page - SMSC Corporation

  SGBJ15K Datasheet HTML 1Page - SMSC Corporation SGBJ15K Datasheet HTML 2Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
smsemi.com
Document Number : SGBJ15D
www.
Mar 31, 2005
67
SGBJ15D thru SGBJ15M
Glass Passivated Single Phase
Bridge Rectifiers
Reverse Voltage 200 to 1000V
Forward current 15 Amp
Case GBJ
SMSC
Catalog
Number
Maximum
Repetitive
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum
DC Blocking
Voltage
SGBJ15D
200V
140V
200V
SGBJ15G
400V
280V
400V
SGBJ15J
600V
420V
600V
SGBJ15K
800V
560V
800V
SGBJ15M
1000V
700V
1000V
Peak forward surge current single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
200
A
Rating for fusing (t<8.3ms)
I2t
166
A2sec
Maximum thermal resistance per leg
R JA
R JC
22(1)
1.5(2)
OC/W
Operating Junction and storage temperature range
Tj, TSTG
-55 to +150
OC
Mounting Torque (Recommended torque:0.5 N.m)
TOR
0.8
N.m
Electrical Characteristics (TA = 25OC unless otherwise noted)
Maximum Instantaneous Forward Voltage per leg
VF
1.0V
IFM =7.5A
Maximum DC reverse current at rated DC blocking voltage per leg
IR
5.0 A
500 A
TA = 25
OC
TA = 125
OC
Notes: (1)
(2)
(3)
Junction to ambient without heatsink
Junction to case with heatsink
Recommended mounting position is to bolt down on heatsink with silicone thermal compound for
maximum heat transfer with #6 screw
Features
Glass passivated die construction
Ideal for printed circuit boards
Plastic material used carries UL
flammability recognition 94V-0
High surge current capability
High case dielectric strength of 1500 VRMS
High temperature soldering guaranteed:
265OC /10 seconds, 0.375” (9.5mm) lead
length, 5lbs. (2.3kg) tension
Mechanical Data
Case: Molded plastic case
Terminals: Plated leads solderable per
MIL-STD-750, Method 2026
Polarity: Marked on Body
Mounting Position: Any
Weight: 0.26 oz., 7.0 g
2.5 ±0.2
2.2 ±0.2
1±0.1
10 ±0.2
7.5
±
0.2
2.7 ±0.2
0.7 ±0.1
4.6 ±0.2
3.6 ±0.2
+
7.5
±
0.2
30 ±0.3
Dimensions in millimeters
Maximum Ratings and Thermal Characteristics (TA = 25OC unless otherwise noted)
Maximum average forward output rectified current Tc = 100
OC
IF(AV)
15
A


Similar Part No. - SGBJ15K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGBJ15K ETC2-SGBJ15K Datasheet
167Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
More results

Similar Description - SGBJ15K

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10KL60 TSC-TS10KL60_14 Datasheet
180Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SGBU4D ETC2-SGBU4D Datasheet
147Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
SKBJ402 ETC2-SKBJ402 Datasheet
158Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBPC35 ETC2-GBPC35 Datasheet
220Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ8D ETC2-GBJ8D Datasheet
165Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
GBJ15D ETC2-GBJ15D Datasheet
167Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
logo
SiPower Inc.
ABS2F SIPOWER-ABS2F Datasheet
549Kb / 3P
   Single Phase Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
GBPC15005 NJSEMI-GBPC15005 Datasheet
156Kb / 2P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com