Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF6S27085HR3 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MRF6S27085HR3
Description  N-Channel Enhancement-Mode Lateral MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6S27085HR3 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MRF6S27085HR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF6S27085HR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF6S27085HR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF6S27085HR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6S27085HR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6S27085HR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6S27085HR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6S27085HR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6S27085HR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MRF6S27085HR3 MRF6S27085HSR3
3
RF Device Data
Freescale Semiconductor
Figure 1. MRF6S27085HR3(SR3) Test Circuit Schematic
Z10
0.287″ x 0.753″ Microstrip
Z11
0.220″ x 0.384″ Microstrip
Z12
0.122″ x 0.580″ Microstrip
Z13
0.266″ x 0.148″ Microstrip
Z14
0.130″ x 0.425″ Microstrip
Z15
0.380″ x 0.081″ Microstrip
Z16
0.703″ x 0.081″ Microstrip
PCB
Arlon GX-0300-5022, 0.030″, εr = 2.5
Z1
0.672″ x 0.081″ Microstrip
Z2
0.050″ x 0.250″ Microstrip
Z3
0.288″ x 0.081″ Microstrip
Z4
0.200″ x 0.480″ Microstrip
Z5
0.270″ x 0.172″ Microstrip
Z6
0.260″ x 0.810″ Microstrip
Z7
0.366″ x 0.490″ Microstrip
Z8
0.083″ x 0.490″ Microstrip
Z9
0.091″ x 0.753″ Microstrip
RF
INPUT
DUT
C1
Z8
Z7
Z6
Z5
Z4
Z3
Z2
Z1
C3
R1
B2
L1
C8
C9
C10
C11
VBIAS
B1
Z9
Z10 Z11
Z12 Z13 Z14 Z15
C2
RF
OUTPUT
Z16
C4
C5
C6
+
VSUPPLY
C7
+
+
+
Table 5. MRF6S27085HR3(SR3) Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
B1
Bead (0805)
2508051107Y0
Fair-Rite
B2
Bead, Surface Mount
2743019447
Fair-Rite
C1, C2
4.7 pF Chip Capacitors, B Case
100B4R7CP500X
ATC
C3
3.6 pF Chip Capacitor, B Case
100B3R6CP500X
ATC
C4
10 µF, 50 V Chip Capacitor (2220)
GRM55DR61H106KA88B
Murata
C5, C8
2.2 µF, 50 V Chip Capacitors (1825)
C1825C225J5RAC
Kemet
C6
47 µF, 50 V Electrolytic Capacitor
MVK50VC47RM8X10TP
Nippon
C7
330 µF, 63 V Electrolytic Capacitor
NACZF331M63V
Nippon
C9
0.01 µF Chip Capacitor (1825)
C1825C103J1RAC
Kemet
C10
22 µF, 25 V Tantalum Capacitor
ECS-T1ED226R
Panasonic TE Series
C11
47 µF, 16 V Tantalum Capacitor
T491D476K016AS
Kemet
L1
15 nH, Chip Inductor
L0603150GGW
AVX
R1
3.3 W, 1/4 W Chip Resistor (1210)
ERJ-14YJ3R3U
Dale/Vishay


Similar Part No. - MRF6S27085HR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S27085HR3 FREESCALE-MRF6S27085HR3 Datasheet
396Kb / 12P
   RF Power Field Effect Transistors
MRF6S27085HR3 FREESCALE-MRF6S27085HR3 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S27085HR3 FREESCALE-MRF6S27085HR3_06 Datasheet
396Kb / 12P
   RF Power Field Effect Transistors
MRF6S27085HR3 FREESCALE-MRF6S27085HR3_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF6S27085HR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF5S19130R3 MOTOROLA-MRF5S19130R3 Datasheet
417Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF184R1 MOTOROLA-MRF184R1 Datasheet
1,015Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
Freescale Semiconductor...
MRFE6S9125NR1 FREESCALE-MRFE6S9125NR1 Datasheet
598Kb / 18P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2150N FREESCALE-MRF6V2150N Datasheet
205Kb / 8P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
NXP Semiconductors
A2T18S160W31S NXP-A2T18S160W31S Datasheet
669Kb / 20P
   N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 0, 5/2015
A2T27S020N NXP-A2T27S020N Datasheet
493Kb / 18P
   N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 1, 01/2018
logo
Freescale Semiconductor...
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
442Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300N FREESCALE-MRF6V2300N Datasheet
208Kb / 8P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S4125NR1 FREESCALE-MRF5S4125NR1 Datasheet
524Kb / 15P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
NXP Semiconductors
AFT20P060-4NR3 NXP-AFT20P060-4NR3 Datasheet
557Kb / 16P
   N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 1, 12/2013
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3 Datasheet
399Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com